Electronic Components Datasheet Search
  English  ▼

X  

DAC7641Y/2K Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC7641Y/2K
Description  16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7641Y/2K Datasheet(HTML) 3 Page - Texas Instruments

  DAC7641Y/2K Datasheet HTML 1Page - Texas Instruments DAC7641Y/2K Datasheet HTML 2Page - Texas Instruments DAC7641Y/2K Datasheet HTML 3Page - Texas Instruments DAC7641Y/2K Datasheet HTML 4Page - Texas Instruments DAC7641Y/2K Datasheet HTML 5Page - Texas Instruments DAC7641Y/2K Datasheet HTML 6Page - Texas Instruments DAC7641Y/2K Datasheet HTML 7Page - Texas Instruments DAC7641Y/2K Datasheet HTML 8Page - Texas Instruments DAC7641Y/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
®
DAC7641
DAC7641Y
DAC7641YB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error(1)
±3
±4
±2
±3
LSB
Differential Linearity Error
±2
±3
±1
±2
LSB
Monotonicity, TMIN to TMAX
14
15
Bits
Zero Scale Error
±1
±3
TT
mV
Zero Scale Error Drift
5
10
TT
ppm/
°C
Full-Scale Error
±1
±3
TT
mV
Full-Scale Error Drift
5
10
TT
ppm/
°C
Power Supply Rejection Ratio (PSRR)
At Full Scale
10
100
TT
ppm/V
ANALOG OUTPUT
Voltage Output
VREFL = 0V, VSS = 0V, RL = 10kΩ
0VREFH
TT
V
Output Current
–1.25
+1.25
TT
mA
Maximum Load Capacitance
No Oscillation
500
T
pF
Short-Circuit Current
±30
T
mA
Short-Circuit Duration
GND or VCC
Indefinite
T
REFERENCE INPUT
Ref High Input Voltage Range
VREFL + 1.25
+2.5
TT
V
Ref Low Input Voltage Range
0
VREFH – 1.25
TT
V
Ref High Input Current
250
T
µA
Ref Low Input Current
–250
T
µA
DYNAMIC PERFORMANCE
Settling Time
To
±0.003%, 2.5V Output Step
8
10
TT
µs
Digital Feedthrough
2
T
nV-s
Output Noise Voltage, f = 10kHz
60
T
nV/
√Hz
DAC Glitch
7FFFH to 8000H or 8000H to 7FFFH
40
T
nV-s
DIGITAL INPUT
VIH
0.7 • VDD
T
V
VIL
0.3 • VDD
T
V
IIH
±10
T
µA
IIL
±10
T
µA
DIGITAL OUTPUT
VOH
IOH = –0.8mA
3.6
4.5
TT
V
VOL
IOL = 1.2mA
0.3
0.4
TT
V
POWER SUPPLY
VDD
+4.75
+5.0
+5.25
TTT
V
VCC
+4.75
+5.0
+5.25
TTT
V
VSS
000
TTT
V
ICC
0.4
0.5
TT
mA
IDD
15
T
µA
Power
1.8
2.5
TT
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C
T Specifications same as DAC7641Y.
NOTE: (1) If VSS = 0V specification applies at Code 0040H and above due to possible negative zero-scale error.
SPECIFICATIONS (Single Supply)
At TA = TMIN to TMAX, VDD = VCC = +5V, VSS = 0V, VREFH = +2.5V, and VREFL = 0V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com