Electronic Components Datasheet Search
  English  ▼

X  

DAC7641Y/2K Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC7641Y/2K
Description  16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7641Y/2K Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC7641Y/2K Datasheet HTML 2Page - Texas Instruments DAC7641Y/2K Datasheet HTML 3Page - Texas Instruments DAC7641Y/2K Datasheet HTML 4Page - Texas Instruments DAC7641Y/2K Datasheet HTML 5Page - Texas Instruments DAC7641Y/2K Datasheet HTML 6Page - Texas Instruments DAC7641Y/2K Datasheet HTML 7Page - Texas Instruments DAC7641Y/2K Datasheet HTML 8Page - Texas Instruments DAC7641Y/2K Datasheet HTML 9Page - Texas Instruments DAC7641Y/2K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
®
DAC7641
TYPICAL PERFORMANCE CURVES: VSS = 0V
At TA = +25°C, VDD = +5V, VSS = 0V, VREFH = +2.5V, VREFL = 0V, representative unit, unless otherwise specified.
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(+25
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(+85
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(–40
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
Temperature (
°C)
–40 –30 –20 –10 0
1020304050607080
90
ZERO-SCALE ERROR vs TEMPERATURE
Code (0040
H)
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
Temperature (
°C)
–40 –30 –20 –10 0
1020304050607080
90
POSITIVE FULL-SCALE ERROR vs TEMPERATURE
Code (FFFF
H)
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
V
REFH CURRENT vs CODE
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H
FFFF
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com