Electronic Components Datasheet Search
  English  ▼

X  

DAC7641Y/2K Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC7641Y/2K
Description  16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7641Y/2K Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC7641Y/2K Datasheet HTML 9Page - Texas Instruments DAC7641Y/2K Datasheet HTML 10Page - Texas Instruments DAC7641Y/2K Datasheet HTML 11Page - Texas Instruments DAC7641Y/2K Datasheet HTML 12Page - Texas Instruments DAC7641Y/2K Datasheet HTML 13Page - Texas Instruments DAC7641Y/2K Datasheet HTML 14Page - Texas Instruments DAC7641Y/2K Datasheet HTML 15Page - Texas Instruments DAC7641Y/2K Datasheet HTML 16Page - Texas Instruments DAC7641Y/2K Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
®
DAC7641
ANALOG OUTPUTS
When VSS = –5V (dual supply operation), the output ampli-
fier can swing to within 2.25V of the supply rails, guaran-
teed over the –40
°C to +85°C temperature range. With V
SS
= 0V (single-supply operation), and with RLOAD also con-
nected to ground, the output can swing to ground. Care must
be taken when measuring the zero-scale error with VSS = 0V.
Since the output voltage cannot swing below ground, the
output voltage may not change for the first few digital input
codes (0000H, 0001H, 0002H, etc.) if the output amplifier has
a negative offset. At the negative limit of –2mV, the first
specified output starts at code 0040H.
Due to the high accuracy of these D/A converters, system
design problems such as grounding and contact resistance
become very important. A 16-bit converter with a 2.5V full-
scale range has a 1LSB value of 38
µV. With a load current
of 1mA, series wiring and connector resistance (see Figure
4) of only 40m
Ω (R
W2) will cause a voltage drop of 40µV.
To understand what this means in terms of a system layout,
the resistivity of a typical 1 ounce copper-clad printed circuit
board is 1/2 m
Ω per square. For a 1mA load, a 10 milli-inch
wide printed circuit conductor 600 milli-inches long will
result in a voltage drop of 30
µV.
The DAC7641 offers a force and sense output configuration
for the high open-loop gain output amplifier. This feature
allows the loop around the output amplifier to be closed at the
load (see Figure 4), thus ensuring an accurate output voltage.
REFERENCE INPUTS
The reference inputs, VREFL and VREFH, can be any voltage
between VSS + 2.5V and VCC – 2.5V provided that VREFH is
at least 1.25V greater than VREFL. The minimum output of
each DAC is equal to VREFL plus a small offset voltage
(essentially, the offset of the output op amp). The maximum
output is equal to VREFH plus a similar offset voltage. Note
that VSS (the negative power supply) must either be
FIGURE 4. Analog Output Closed-Loop Configuration. RW
represents wiring resistances.
connected to ground or must be in the range of –4.75V to
–5.25V. The voltage on VSS sets several bias points within
the converter. If VSS is not in one of these two configura-
tions, the bias values may be in error and proper operation
of the device is not guaranteed.
The current into the VREFH input and out of VREFL depends
on the DAC output voltages and can vary from a few
microamps to approximately 0.5mA. The reference input
appears as a varying load to the reference. If the reference
can sink or source the required current, a reference buffer is
not required. The DAC7641 features a reference drive and
sense connection such that the internal errors caused by the
changing reference current and the circuit impedances can
be minimized. Figures 5 through 13 show different reference
configurations and the effect on the linearity and differential
linearity.
FIGURE 5. Dual Supply Configuration-Buffered References, used for Dual Supply Performance Curves.
DAC7641
R
W1
R
W2
V
OUT Sense
V
OUT
V
SS
24
23
22
+2.5V
+V
V
OUT
500pF
OPA2234
500pF
+2.5V
+V
–2.5V
–V
DAC7641
V
OUT Sense
V
OUT
V
SS
24
23
22
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com