Electronic Components Datasheet Search
  English  ▼

X  

DAC7641Y/2K Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC7641Y/2K
Description  16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7641Y/2K Datasheet(HTML) 1 Page - Texas Instruments

  DAC7641Y/2K Datasheet HTML 1Page - Texas Instruments DAC7641Y/2K Datasheet HTML 2Page - Texas Instruments DAC7641Y/2K Datasheet HTML 3Page - Texas Instruments DAC7641Y/2K Datasheet HTML 4Page - Texas Instruments DAC7641Y/2K Datasheet HTML 5Page - Texas Instruments DAC7641Y/2K Datasheet HTML 6Page - Texas Instruments DAC7641Y/2K Datasheet HTML 7Page - Texas Instruments DAC7641Y/2K Datasheet HTML 8Page - Texas Instruments DAC7641Y/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
DAC7641
16-Bit, Voltage Output
DIGITAL-TO-ANALOG CONVERTER
®
DAC7641
DESCRIPTION
The DAC7641 is a 16-bit, voltage output digital-to-
analog converter (DAC) with guaranteed 15-bit mono-
tonic performance over the specified temperature range.
It accepts 16-bit parallel input data, has double-buffered
DAC input logic (allowing asynchronous update), and
provides a readback mode of the internal input registers.
Programmable asynchronous reset clears all registers to
a mid-scale code of 8000
H or to a zero-scale of 0000H.
The DAC7641 can operate from a single +5V supply or
from +5V and –5V supplies.
Low power and small size per DAC make the DAC7641
ideal for automatic test equipment, DAC-per-pin
programmers, data acquisition systems, and closed-
loop servo-control. The DAC7641 is available in a
TQFP-32 package, and offers guaranteed specifica-
tions over the –40
°C to +85°C temperature range.
FEATURES
q LOW POWER: 2.5mW
q UNIPOLAR OR BIPOLAR OPERATION
q SETTLING TIME: 10
µs to 0.003%
q 15-BIT LINEARITY AND MONOTONICITY:
–40
°C to +85°C
q PROGRAMMABLE RESET TO MID-SCALE
OR ZERO-SCALE
q DATA READBACK
q DOUBLE-BUFFERED DATA INPUTS
APPLICATIONS
q PROCESS CONTROL
q ATE PIN ELECTRONICS
q CLOSED-LOOP SERVO-CONTROL
q MOTOR CONTROL
q DATA ACQUISITION SYSTEMS
q DAC-PER-PIN PROGRAMMERS
© 2000 Burr-Brown Corporation
PDS-1532A
Printed in U.S.A. June, 2000
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
DAC
DAC
Register
Input
Register
I/O
Buffer
Control
Logic
VREFL
VREFH
VREFH
Sense
VREFL
Sense
VOUT
RST
LDAC
CS
R/W
DATA I/O
16
RSTSEL
AGND
DGND
VOUT Sense
DAC7641
VCC
VSS
VDD
For most current data sheet and other product
information, visit www.burr-brown.com
DAC7641
®
SBAS118


Similar Part No. - DAC7641Y/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7641Y/2K BURR-BROWN-DAC7641Y/2K Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7641Y/2K TI1-DAC7641Y/2K Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7641Y/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7654 BURR-BROWN-DAC7654 Datasheet
472Kb / 28P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com