Electronic Components Datasheet Search
  English  ▼

X  

DAC7641Y/2K Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC7641Y/2K
Description  16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7641Y/2K Datasheet(HTML) 5 Page - Texas Instruments

  DAC7641Y/2K Datasheet HTML 1Page - Texas Instruments DAC7641Y/2K Datasheet HTML 2Page - Texas Instruments DAC7641Y/2K Datasheet HTML 3Page - Texas Instruments DAC7641Y/2K Datasheet HTML 4Page - Texas Instruments DAC7641Y/2K Datasheet HTML 5Page - Texas Instruments DAC7641Y/2K Datasheet HTML 6Page - Texas Instruments DAC7641Y/2K Datasheet HTML 7Page - Texas Instruments DAC7641Y/2K Datasheet HTML 8Page - Texas Instruments DAC7641Y/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
®
DAC7641
19
LDAC
DAC Load Strobe, rising-edge triggered.
20
RST
Reset, rising-edge triggered. Depending on the state
of RSTSEL, the DAC registers are set to either mid-
scale or zero.
21
RSTSEL
Reset Select. Determines the action of RST. If
HIGH, a RST command will set the DAC registers to
mid-scale. If LOW, a RST command will set the DAC
registers to zero.
22
VOUT
DAC Voltage Output
23
VOUT Sense
DAC Output Amplifier Inverting Input. Used to close
the feedback loop at the load.
24
VSS
Negative Power Supply
25
AGND
Analog Ground
26
VCC
Positive Power Supply
27
VREFH Sense
DAC Reference High Sense Input
28
VREFH
DAC Reference High Input
29
VREFL Sense
DAC Reference Low Sense Input
30
VREFL
DAC Reference Low Input
31
DGND
Digital Ground
32
VDD
Positive Power Supply
PIN
NAME
DESCRIPTION
1
DB15
Data Bit 15, MSB
2
DB14
Data Bit 14
3
DB13
Data Bit 13
4
DB12
Data Bit 12
5
DB11
Data Bit 11
6
DB10
Data Bit 10
7
DB9
Data Bit 9
8
DB8
Data Bit 8
9
DB7
Data Bit 7
10
DB6
Data Bit 6
11
DB5
Data Bit 5
12
DB4
Data Bit 4
13
DB3
Data Bit 3
14
DB2
Data Bit 2
15
DB1
Data Bit 1
16
DB0
Data Bit 0, LSB
17
CS
Chip Select, active low.
18
R/W
Enabled by CS, controls data read and write from the
input register.
PIN DESCRIPTIONS
PIN CONFIGURATION
PIN
NAME
DESCRIPTION
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
V
SS
V
OUT Sense
V
OUT
RSTSEL
RST
LDAC
R/W
CS
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
DAC7641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com