Electronic Components Datasheet Search
  English  ▼

X  

AMC1336 Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC1336
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1336 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC1336 Datasheet HTML 20Page - Texas Instruments AMC1336 Datasheet HTML 21Page - Texas Instruments AMC1336 Datasheet HTML 22Page - Texas Instruments AMC1336 Datasheet HTML 23Page - Texas Instruments AMC1336 Datasheet HTML 24Page - Texas Instruments AMC1336 Datasheet HTML 25Page - Texas Instruments AMC1336 Datasheet HTML 26Page - Texas Instruments AMC1336 Datasheet HTML 27Page - Texas Instruments AMC1336 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
3
OSR
1
1
z
H z
1
z
§
·
¨
¸
¨
¸
©
¹
24
AMC1336
SBAS951B – AUGUST 2019 – REVISED APRIL 2020
www.ti.com
Product Folder Links: AMC1336
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Digital Filter Usage
The modulator generates a bitstream that is processed by a digital filter to obtain a digital word similar to a
conversion result of a conventional analog-to-digital converter (ADC). Equation 2 shows a sinc3-type filter, which
is a very simple filter that is built with minimal effort and hardware:
(2)
This filter provides the best output performance at the lowest hardware size (count of digital gates) for a second-
order modulator. All the characterization in this document is also done with a sinc3 filter with an oversampling
ratio (OSR) of 256 and an output word width of 16 bits.
An example code for implementing a sinc3 filter in an FPGA is discussed in the Combining the ADS1202 with an
FPGA Digital Filter for Current Measurement in Motor Control Applications application note, available for
download at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com