Electronic Components Datasheet Search
  English  ▼

X  

AMC1336 Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC1336
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1336 Datasheet(HTML) 1 Page - Texas Instruments

  AMC1336 Datasheet HTML 1Page - Texas Instruments AMC1336 Datasheet HTML 2Page - Texas Instruments AMC1336 Datasheet HTML 3Page - Texas Instruments AMC1336 Datasheet HTML 4Page - Texas Instruments AMC1336 Datasheet HTML 5Page - Texas Instruments AMC1336 Datasheet HTML 6Page - Texas Instruments AMC1336 Datasheet HTML 7Page - Texas Instruments AMC1336 Datasheet HTML 8Page - Texas Instruments AMC1336 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
R2
R1
Phase1
Phase2
or N
R3
DOUT
CLKIN
DVDD
DGND
AGND
AINP
AINN
AVDD
AMC1336
3.0 V, 3.3 V, or 5.0 V
3.3 V or 5.0 V
SD-Cx
SD-Dx
TMS320F28x
PWMx
AVDD
Diagnostics
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
AMC1336
SBAS951B – AUGUST 2019 – REVISED APRIL 2020
AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator
for Voltage Sensing Applications
1
1 Features
1
•
Input structure optimized for voltage
measurements:
–
Input voltage range: ±1 V
–
Input resistance: 1.5 GΩ (typ)
•
Excellent DC performance:
–
Offset error: ±0.5 mV (max)
–
Offset drift: ±4 µV/°C (max)
–
Gain error: ±0.25% (max)
–
Gain drift: ±40 ppm/°C (max)
•
Transient immunity: 115 kV/µs (typ)
•
Missing high-side supply detection
•
Safety-related certifications:
–
8000-VPEAK reinforced isolation per DIN VDE V
0884-11: 2017-01
–
5700-VRMS isolation for 1 minute per UL1577
–
IEC 62368-1 end equipment standard
2 Applications
•
Isolated AC and DC voltage measurement in:
–
Uninterruptible power supplies
–
Photovoltaic inverters
–
Motor drives
3 Description
The AMC1336 is a precision, delta-sigma (ΔΣ)
modulator with the output separated from the input
circuitry by a capacitive double isolation barrier that is
highly resistant to magnetic interference. This barrier
is certified to provide reinforced isolation of up to
8000 VPEAK according to the DIN VDE V 0884-11 and
UL1577 standards. Used in conjunction with isolated
power supplies, this isolated modulator separates
parts of the system that operate on different common-
mode voltage levels and protects lower-voltage parts
from damage.
The unique wide, bipolar. ±1-V input voltage range of
the AMC1336 and its high input resistance support
direct connection of the device to resistive dividers in
high-voltage applications. When used with a digital
filter
(for
instance,
as
integrated
in
the
TMS320F28004x, TMS320F2807x or TMS320F2837x
microcontroller
families)
to
decimate
the
output
bitstream, the device can achieve 16 bits of resolution
with a dynamic range of 87 dB at a data rate of
82 kSPS.
On the high-side, the AMC1336 is supplied by a
3.3-V or 5-V power supply. The isolated digital
interface operates from a 3.0-V, 3.3-V or 5-V power
supply.
The AMC1336 performance is specified over the
extended industrial temperature range of –40°C to
+125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AMC1336
SOIC (8)
5.85 mm × 7.50 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - AMC1336

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1336 TI1-AMC1336 Datasheet
766Kb / 31P
AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
AMC1336 TI1-AMC1336 Datasheet
1Mb / 40P
AMC1336-Q1 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
AMC1336 TI2-AMC1336 Datasheet
1Mb / 40P
AMC1336-Q1 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
MAY 2020
AMC1336-Q1 TI1-AMC1336-Q1 Datasheet
1Mb / 40P
AMC1336-Q1 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
AMC1336-Q1 TI2-AMC1336-Q1 Datasheet
1Mb / 40P
AMC1336-Q1 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
MAY 2020
More results

Similar Description - AMC1336

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1336 TI1-AMC1336 Datasheet
766Kb / 31P
AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
AMC1336-Q1 TI1-AMC1336-Q1 Datasheet
1Mb / 40P
AMC1336-Q1 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com