Electronic Components Datasheet Search
  English  ▼

X  

AMC1336 Datasheet(PDF) 28 Page - Texas Instruments

Part # AMC1336
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1336 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AMC1336 Datasheet HTML 24Page - Texas Instruments AMC1336 Datasheet HTML 25Page - Texas Instruments AMC1336 Datasheet HTML 26Page - Texas Instruments AMC1336 Datasheet HTML 27Page - Texas Instruments AMC1336 Datasheet HTML 28Page - Texas Instruments AMC1336 Datasheet HTML 29Page - Texas Instruments AMC1336 Datasheet HTML 30Page - Texas Instruments AMC1336 Datasheet HTML 31Page - Texas Instruments AMC1336 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
OSR
1
10
100
1000
10000
0
2
4
6
8
10
12
14
16
D034
sinc3
sinc2
sinc1
28
AMC1336
SBAS951B – AUGUST 2019 – REVISED APRIL 2020
www.ti.com
Product Folder Links: AMC1336
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Use a power supply with a nominal voltage of 3.3 V for DVDD to directly connect all modulators to the
microcontroller.
For modulator output bitstream filtering, a device from TI's TMS320F2807x family of low-cost microcontrollers
(MCUs) or TMS320F2837x family of dual-core MCUs is recommended. These MCU families support up to eight
channels of dedicated hardwired filter structures called sigma-delta filter modules (SDFMs) that significantly
simplify system level design by offering two filtering paths per channel: one providing high accuracy results for
the control loop and one that offers a fast response path for overcurrent detection. Use one of the pulse-width
modulation (PWM) sources inside the MCU to generate the clock for the modulators and for easy
synchronization of all feedback signals and the switching control of the gate drivers.
The application examples in Figure 50 and Figure 51 use a clock buffer to distribute the clock reference signal
generated on one of the PWMx outputs of the MCU to all modulators used in the circuit and as a reference for
the digital filters in the MCU. In this example, TI's CDCLVC1106 is used for this purpose. Each CDCLVC1106
output can drive a load of 8 pF that is sufficient to drive up to two modulator and up to four SDFM clock inputs.
8.2.3 Application Curve
The effective number of bits (ENOB) is often used to compare the performance of ADCs and ΔΣ modulators.
Figure 52 shows the ENOB of the AMC1336 with different oversampling ratios. In this document, this number is
calculated from the SINAD by using following equation: SINAD = 1.76 dB + 6.02 × ENOB.
Figure 52. Measured Effective Number of Bits versus Oversampling Ratio
8.2.4 What to Do and What Not to Do
Do not leave the inputs of the AMC1336 unconnected (floating) when the device is powered up. If either
modulator input is left floating, the input bias current can drive this input beyond the specified common-mode
input voltage range. If both inputs are beyond that range, the gain of the front-end diminishes and the output
bitstream is not valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com