Electronic Components Datasheet Search
  English  ▼

X  

AMC1336 Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC1336
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1336 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC1336 Datasheet HTML 5Page - Texas Instruments AMC1336 Datasheet HTML 6Page - Texas Instruments AMC1336 Datasheet HTML 7Page - Texas Instruments AMC1336 Datasheet HTML 8Page - Texas Instruments AMC1336 Datasheet HTML 9Page - Texas Instruments AMC1336 Datasheet HTML 10Page - Texas Instruments AMC1336 Datasheet HTML 11Page - Texas Instruments AMC1336 Datasheet HTML 12Page - Texas Instruments AMC1336 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
CLKIN
DOUT
Bitstream not valid (analog settling)
DVDD
...
Valid bitstream
AVDD
tASTART
CLKIN
DOUT
t
CLKIN
t
HIGH
t
LOW
t
D
t
H
t
r / tf
9
AMC1336
www.ti.com
SBAS951B – AUGUST 2019 – REVISED APRIL 2020
Product Folder Links: AMC1336
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
6.10 Switching Characteristics
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fCLKIN
CLKIN clock frequency
3.0 V
≤ AVDD ≤ 5.5 V
9
20
21
MHz
4.5 V
≤ AVDD ≤ 5.5 V
5
20
21
CLKIN duty cycle
40%
50%
60%
tH1
DOUT hold time after rising edge of CLKIN
CLOAD = 15 pF
3.5
ns
tD1
Rising edge of CLKIN to DOUT valid delay
CLOAD = 15 pF
15
ns
tr
DOUT rise time
10% to 90%, 2.7 V
≤ DVDD ≤ 3.6 V, CLOAD = 15 pF
2.5
6
ns
10% to 90%, 4.5 V
≤ DVDD ≤ 5.5 V, CLOAD = 15 pF
3.2
6
ns
tf
DOUT fall time
10% to 90%, 2.7 V
≤ DVDD ≤ 3.6 V, CLOAD = 15 pF
2.2
6
ns
10% to 90%, 4.5 V
≤ DVDD ≤ 5.5 V, CLOAD = 15 pF
2.9
6
ns
tASTART
Analog start-up time
AVDD step to 3.0 V; 0.1%-settling, clock applied
0.25
ms
Figure 1. Digital Interface Timing
Figure 2. Device Start-Up Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com