Electronic Components Datasheet Search
  English  ▼

X  

DLPC410 Datasheet(PDF) 21 Page - Texas Instruments

Part # DLPC410
Description  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC410 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPC410 Datasheet HTML 17Page - Texas Instruments DLPC410 Datasheet HTML 18Page - Texas Instruments DLPC410 Datasheet HTML 19Page - Texas Instruments DLPC410 Datasheet HTML 20Page - Texas Instruments DLPC410 Datasheet HTML 21Page - Texas Instruments DLPC410 Datasheet HTML 22Page - Texas Instruments DLPC410 Datasheet HTML 23Page - Texas Instruments DLPC410 Datasheet HTML 24Page - Texas Instruments DLPC410 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
21
DLP650LNIR
www.ti.com
DLPS136 – NOVEMBER 2018
Product Folder Links: DLP650LNIR
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
Optically, the DLP650LNIR consists of 1,024,000 highly reflective, digitally switchable, micrometer-sized mirrors
(micromirrors), organized in a two-dimensional array of 1280 micromirror columns by 800 micromirror rows. Each
aluminum micromirror is approximately 10.8 microns in size (see the Micromirror Pitch in ) and is switchable
between two discrete angular positions: –12° and 12°. The angular positions are measured relative to a 0° flat
state, which is parallel to the array plane (see Figure 15). The tilt direction is perpendicular to the hinge-axis,
which is positioned diagonally relative to the overall array. The On State landed position is directed toward row 0,
column 0 (upper left) corner of the device package (see the Micromirror Hinge-Axis Orientation in ). In the field of
visual displays, the 1280 × 800 pixel resolution is referred to as WXGA or WXGA-800.
Each individual micromirror is positioned over a corresponding CMOS memory cell. The angular position of a
specific micromirror is determined by the binary state (logic 0 or 1) of the corresponding CMOS memory cell
contents, after the mirror clocking pulse is applied. The angular position (–12° or +12°) of the individual
micromirrors changes synchronously with a micromirror clocking pulse, rather than being synchronous with the
CMOS memory cell data update. Therefore, writing a logic 1 into a memory cell followed by a mirror clocking
pulse results in the corresponding micromirror switching to a 12° position. Writing a logic 0 into a memory cell
followed by a mirror clocking pulse results in the corresponding micromirror switching to a –12° position.
Updating the angular position of the micromirror array consists of two steps. First, updating the contents of the
CMOS memory. Second, application of a micromirror clocking pulse to all or a portion of the micromirror array
(depending upon the configuration of the system). Micromirror clocking pulses are generated externally by the
DLPA200 device, with application of the pulses being coordinated by the DLPC410 controller.
Around the perimeter of the 1280 by 800 array of micromirrors is a uniform band of border micromirrors. The
border micromirrors are not user-addressable. The border micromirrors land in the –12° position once power has
been applied to the device. There are 10 border micromirrors on each side of the 1280 by 800 active array.
Figure 11 shows a DLPC410 and DLP650LNIR chipset block diagram. The DLPC410 and DLPA200 control and
coordinate the data loading and micromirror switching for reliable DLP650LNIR operation. The DLPR410 is the
programmed PROM required to properly configure the DLPC410 controller. For more information on the chipset
components, see Feature Description. For a typical system application using the DLPC410 and chipset
components including a DLP650LNIR DMD, see Figure 21.
7.2 System Functional Block Diagram
Figure 11 shows a simplified system block diagram with the use of the DLPC410 with the following chipset
components:
DLPC410
Xilinx [XC5VLX30] FPGA configured to provide high-speed DMD data and control, and DLPA200
timing and control
DLPR410
[XCF16PFSG48C] serial flash PROM contains startup configuration information (EEPROM)
DLPA200
DMD micromirror driver for the DLP650LNIR DMD
DLP650LNIR Spatial light modulator (DMD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com