Electronic Components Datasheet Search
  English  ▼

X  

DLPC410 Datasheet(PDF) 39 Page - Texas Instruments

Part # DLPC410
Description  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC410 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPC410 Datasheet HTML 35Page - Texas Instruments DLPC410 Datasheet HTML 36Page - Texas Instruments DLPC410 Datasheet HTML 37Page - Texas Instruments DLPC410 Datasheet HTML 38Page - Texas Instruments DLPC410 Datasheet HTML 39Page - Texas Instruments DLPC410 Datasheet HTML 40Page - Texas Instruments DLPC410 Datasheet HTML 41Page - Texas Instruments DLPC410 Datasheet HTML 42Page - Texas Instruments DLPC410 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
39
DLP650LNIR
www.ti.com
DLPS136 – NOVEMBER 2018
Product Folder Links: DLP650LNIR
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.2.1 Design Requirements
All applications using the DLP650LNIR WXGA chipset require both the controller and the DMD components
for operation. The system also requires an external parallel flash memory device loaded with the DLPC410
Configuration and Support Firmware. The chipset has several system interfaces and requires some support
circuitry. The following interfaces and support circuitry are required:
•
DLPC410 System Interfaces:
–
Control Interface
–
Trigger Interface
–
Input Data Interface
–
Illumination Interface
–
Reference Clock
•
DLP650LNIR Interfaces:
–
DLPC410 to DLP650LNIR Digital Data
–
DLPC410 to DLP650LNIR Control Interface
–
DLPC410 to DLP650LNIR Micromirror Reset Control Interface
–
DLPC410 to DLPA200 Micromirror Driver
–
DLPA200 to DLP650LNIR Micromirror Reset
8.2.2 Detailed Design Procedure
The DLP650LNIR DMD is well suited for Near-Infrared (NIR) light applications requiring fast, spatially
programmable light patterns using the micromirror array. See the to see the connections between the
DLP650LNIR DMD, the DLPC410 digital controller, the DLPR410 EEPROM, and the DLPA200 DMD micromirror
drivers. See the Figure 21 for an application example. Follow the Layout Guidelines for reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com