| Electronic Components Datasheet Search |
|
DLPC410 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DLPC410 Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 53 page ![]() 8 DLP650LNIR DLPS136 – NOVEMBER 2018 www.ti.com Product Folder Links: DLP650LNIR Submit Documentation Feedback Copyright © 2018, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltages are referenced to common ground VSS. VCC, VCCI, VCC2 power supplies are all required for all DMD operating modes. VMBRSTsignals are also required to be at the appropriate voltage at the appropriate time as controlled by the DLPC410 and DLPA200. (3) VCC2 supply transients must fall within specified voltages. (4) Exceeding the recommended allowable voltage difference between VCC and VCCI may result in excessive current draw. (5) The maximum LVDS input voltage rating applies when each input of a differential pair is at the same voltage potential. (6) The highest micromirror temperature (as calculated using Micromirror Temperature Calculations) or of any point along the window edge as defined in Figure 20. The locations of thermal test points TP2, TP3, TP4, and TP5 in Figure 20 are intended to measure the highest window edge temperature. If a particular application causes another point on the window edge to be at a higher temperature, use that point. (7) Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge as shown in Figure 20. The window test points TP2, TP3, TP4, and TP5 shown in Figure 20 are intended to result in the worst case delta. If a particular application causes another point on the window edge to result in a larger delta temperature, then use that point. 6 Specifications 6.1 Absolute Maximum Ratings Over operating free-air temperature range (unless otherwise noted). (1) MIN MAX UNIT SUPPLY VOLTAGES VCC Supply voltage for LVCMOS core logic(2) –0.5 4 V VCCI Supply voltage for LVDS Interface (2) –0.5 4 V VCC2 Micromirror Electrode and HVCMOS voltage(2)(3) –0.5 9 V VMBRST Input voltage for MBRST(15:0) (2) –28 28 V |VCCI – VCC| Supply voltage delta (absolute value)(4) 0.3 V INPUT VOLTAGES Input voltage for all other input pins(2) –0.5 VCC + 0.3 V |VID| Input differential voltage (absolute value)(5) 700 mV ENVIRONMENTAL TMIRROR and TWINDOW Temperature, operating(6) 0 90 °C Temperature, non–operating(6) –40 90 °C |TDELTA| Absolute Temperature delta between any point on the window edge and the ceramic test point TP1(7) 30 °C TDP Dew point temperature, operating and non–operating (noncondensing) 81 °C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |