Electronic Components Datasheet Search
  English  ▼

X  

DLPC410 Datasheet(PDF) 12 Page - Texas Instruments

Part # DLPC410
Description  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC410 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLPC410 Datasheet HTML 8Page - Texas Instruments DLPC410 Datasheet HTML 9Page - Texas Instruments DLPC410 Datasheet HTML 10Page - Texas Instruments DLPC410 Datasheet HTML 11Page - Texas Instruments DLPC410 Datasheet HTML 12Page - Texas Instruments DLPC410 Datasheet HTML 13Page - Texas Instruments DLPC410 Datasheet HTML 14Page - Texas Instruments DLPC410 Datasheet HTML 15Page - Texas Instruments DLPC410 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
0/100
100/0
30
5/95
95/5
40
50
60
70
80
10/90
90/10
15/85
85/15
20/80
80/20
25/75
75/25
30/70
70/30
35/65
65/35
40/60
60/40
45/55
55/45
50/50
50/50
Micromirror Landed Duty Cycle
12
DLP650LNIR
DLPS136 – NOVEMBER 2018
www.ti.com
Product Folder Links: DLP650LNIR
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
The DMD is designed to conduct absorbed and dissipated heat to the back of the package. The cooling system must be capable of
maintaining the package within the temperature range specified in the Recommended Operating Conditions.
The total heat load on the DMD is largely driven by the incident light absorbed by the micromirrror array, although other contributions
include light energy outside of the active mirror array and electrical power dissipation of the silicon.
Design the optical system to minimized light outside of the active micromirror array because light outside of this area gets highly
absorbed by the optical border and increases DMD heat load.
Design the optical system to minimize the light energy falling outside the window clear aperture. Aditional thermal load in this area
contributes to window heating and significantly degrades the reliability of the device.
Figure 2. Maximum Recommended Micromirror Temperature - Derating Curve (see Landed Duty Cycle
and Operational DMD Temperature)
6.5 Thermal Information
THERMAL METRIC
DLP650LNIR
UNIT
FYL Package
149 PINS
RSILICON-TO-CERAMIC: Thermal resistance, silicon to ceramic, as measured at test point 1 (TP1)
(1)
0.5
°C/W
RMIRROR-TO-SILICON: Thermal resistance, mirror to silicon, per individual mirror
(1)
3.39 × 105
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com