Electronic Components Datasheet Search
  English  ▼

X  

DLPC410 Datasheet(PDF) 34 Page - Texas Instruments

Part # DLPC410
Description  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC410 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DLPC410 Datasheet HTML 30Page - Texas Instruments DLPC410 Datasheet HTML 31Page - Texas Instruments DLPC410 Datasheet HTML 32Page - Texas Instruments DLPC410 Datasheet HTML 33Page - Texas Instruments DLPC410 Datasheet HTML 34Page - Texas Instruments DLPC410 Datasheet HTML 35Page - Texas Instruments DLPC410 Datasheet HTML 36Page - Texas Instruments DLPC410 Datasheet HTML 37Page - Texas Instruments DLPC410 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
34
DLP650LNIR
DLPS136 – NOVEMBER 2018
www.ti.com
Product Folder Links: DLP650LNIR
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Micromirror Temperature Calculations (continued)
7.7.1 Sample Calculation 1: Uniform Illumination of Entire DMD Active Array (1280 × 800 pixels)
This calculation assumes that the entire DMD active array (1280 × 800) mirrors is uniformly illuminated with zero
overfill falling outside the Pond of Mirrors pixel border. The highest DMD temperatures typically occur when the
DMD mirrors are in the off-state (–12° landed) position. Therefore, the off-state fill factor calculates the worst
case mirror temperature. Calculate the mirror temperatures to assess the viability of the illumination conditions.
•
FFOFF-STATE-MIRROR = 75.3%
•
MR @ 1064 nm = 94%
•
αWINDOW@ 1064 nm = 0.7%
•
RMIRROR-TO-SILICON = 3.39E5 °C/Watt
•
RSILICON-TO-CERAMIC = 0.5 °C/Watt
•
Array Resolution = 1280 × 800
•
TCERAMIC = 30.0°C (measured)
•
QINCIDENT = 160 W (measured)
•
QELECTRICAL = 1.8 W
αDMD = [0.753 × (1-0.94)] + (1 - 0.753) + (2 × 0.007) = 0.31
QSILICON = 1.8 W + (0.31 × 160 W) = 51.4 W
QMIRROR = [(160W / (1280 × 800)] × 0.753 × (1 - 0.94) = 7.06E-6 W
Delta_TSILICON-TO-CERAMIC = 51.4 W × 0.5°C/W= 25.7°C
Delta_TMIRROR-TO-SILICON = 7.06E-6 W × 3.39E5 °C/W= 2.4°C
TMIRROR = 30.0°C + 25.7 + 2.4°C = 58.1°C
7.7.2 Sample Calculation 2: Partial DMD Active Array Illumination with Non-uniform Illumination Peak
This calculation assumes that only a subsection of the DMD active array 960 × 475 pixels in size is (non-
uniformly) illuminated. This calculation assumes the illuminated area is in the center of the DMD. Non-centered
area can affect the value of RSILICON-TO-CERAMIC. If the application requires offsetting the illumination on the DMD,
contact TI for more information on how to assess RSILICON-TO-CERAMIC. As in Sample Calculation 1, the off-state fill
factor can be used to assess the highest temperatures that can occur. Calculate the mirror temperatures which
occur at the highest illumination intensities to assess the viability of the illumination conditions.
•
FFOFF-STATE-MIRROR = 75.3%
•
MR @ 1064 nm = 94%
•
αWINDOW@ 1064 nm = 0.7%
•
RMIRROR-TO-SILICON = 3.39E5 °C/Watt
•
RSILICON-TO-CERAMIC = 0.9 °C/Watt (higher than previous example due to reduced illumination area)
•
Pixel Size = 10.8 µm = 0.00108 cm (square)
•
TCERAMIC = 30.0°C (measured)
•
QINCIDENT = 60 W (measured)
•
QELECTRICAL = 1.8 W
•
Peak Irradiance = 500 W/cm2 (measured)
αDMD = [0.753 × (1 - 0.94)] + (1 - 0.753) + (2 × 0.007) = 0.31
QSILICON = 1.8 W + (0.31 × 60 W) =20.4 W
QINCIDENT_MIRROR = Peak Irradiance (W/cm
2) × Pixel Area (cm2) = [500 W/cm2 × (0.00108 cm)2 ] = 5.832E-4 W
QMIRROR = 5.832E-4 W × 0.753 × (1 - 0.94) = 2.64E-5 W
Delta_TSILICON-TO-CERAMIC = 20.4 W × 0.9°C/W = 18.4°C
Delta_TMIRROR-TO-SILICON = 2.64E-5 W × 3.39E5°C/W= 8.9°C
TMIRROR = 30.0°C + 18.4°C + 8.9°C = 57.3°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com