Electronic Components Datasheet Search
  English  ▼

X  

INA138NA/3K Datasheet(PDF) 14 Page - Texas Instruments

Part # INA138NA/3K
Description  INA1x8 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138NA/3K Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA138NA/3K Datasheet HTML 10Page - Texas Instruments INA138NA/3K Datasheet HTML 11Page - Texas Instruments INA138NA/3K Datasheet HTML 12Page - Texas Instruments INA138NA/3K Datasheet HTML 13Page - Texas Instruments INA138NA/3K Datasheet HTML 14Page - Texas Instruments INA138NA/3K Datasheet HTML 15Page - Texas Instruments INA138NA/3K Datasheet HTML 16Page - Texas Instruments INA138NA/3K Datasheet HTML 17Page - Texas Instruments INA138NA/3K Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Gain Set by RL
Output Offset = (100 µA)(RL)
(independent of V+)
b) Using current source.
Gain Set by R1 || R2
a) Using resistor divider.
R1 + R2
Output Offset =
(VR)R2
R1
1
VR
INA138
3
4
VO
R2
REF200
100 µA
INA138
3
4
1
V+
VO
RL
14
INA138, INA168
SBOS122E – DECEMBER 1999 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: INA138 INA168
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
Typical Applications (continued)
8.2.3 Offsetting the Output Voltage
For many applications using only a single power supply it may be required to level shift the output voltage away
from ground when there is no load current flowing in the shunt resistor. Level shifting the output of the INA1x8
devices is easily accomplished by one of two simple methods shown in Figure 14. The method on the left hand
side of Figure 14 illustrates a simple voltage divider method. This method is useful for applications that require
the output of the INA1x8 devices to remain centered with respect to the power supply at zero load current
through the shunt resistor. Using this method the gain is determine by the parallel combination of R1 and R2
while the output offset is determined by the voltage divider ratio R1 and R2. For applications that may require a
fixed value of output offset, independent of the power supply voltage, the current source method shown on the
right-hand side of Figure 14 is recommended. With this method a REF200 constant current source is used to
generate a constant output offset. Using his method the gain is determined by RL and the offset is determined by
the product of the value of the current source and RL.
Figure 14. Offsetting the Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com