Electronic Components Datasheet Search
  English  ▼

X  

INA138NA/3K Datasheet(PDF) 4 Page - Texas Instruments

Part # INA138NA/3K
Description  INA1x8 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138NA/3K Datasheet(HTML) 4 Page - Texas Instruments

  INA138NA/3K Datasheet HTML 1Page - Texas Instruments INA138NA/3K Datasheet HTML 2Page - Texas Instruments INA138NA/3K Datasheet HTML 3Page - Texas Instruments INA138NA/3K Datasheet HTML 4Page - Texas Instruments INA138NA/3K Datasheet HTML 5Page - Texas Instruments INA138NA/3K Datasheet HTML 6Page - Texas Instruments INA138NA/3K Datasheet HTML 7Page - Texas Instruments INA138NA/3K Datasheet HTML 8Page - Texas Instruments INA138NA/3K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
INA138, INA168
SBOS122E – DECEMBER 1999 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: INA138 INA168
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input voltage at any pin may exceed the voltage shown if the current at that pin is limited to 10 mA.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply, V+
INA138
–0.3
60
V
INA168
–0.3
75
Analog input, VIN+, VIN–
INA138
Common mode(2)
–0.3
60
Sense voltage, VSENSE = (VIN+ – VIN–)
–40
2
INA168
Common mode(2)
–0.3
75
Sense voltage, VSENSE = (VIN+ – VIN–)
–40
2
Analog output, OUT pin(2)
–0.3
40
Current
Input current into any pin
10
mA
Temperature
Operating, TA
–55
150
°C
Junction, TJ
150
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
INA138
V+
Supply voltage
2.7
5
36
V
VSENSE
Full-scale sense voltage (VIN+ – VIN–)
100
500
mV
Common-mode voltage
2.7
12
36
V
TA
Operating temperature
–40
25
125
°C
INA168
V+
Supply voltage
2.7
5
60
V
VSENSE
Full-scale sense voltage (VIN+ – VIN–)
100
500
mV
Common-mode voltage
2.7
12
60
V
TA
Operating temperature
–40
25
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com