Electronic Components Datasheet Search
  English  ▼

X  

INA138NA/3K Datasheet(PDF) 13 Page - Texas Instruments

Part # INA138NA/3K
Description  INA1x8 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138NA/3K Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA138NA/3K Datasheet HTML 9Page - Texas Instruments INA138NA/3K Datasheet HTML 10Page - Texas Instruments INA138NA/3K Datasheet HTML 11Page - Texas Instruments INA138NA/3K Datasheet HTML 12Page - Texas Instruments INA138NA/3K Datasheet HTML 13Page - Texas Instruments INA138NA/3K Datasheet HTML 14Page - Texas Instruments INA138NA/3K Datasheet HTML 15Page - Texas Instruments INA138NA/3K Datasheet HTML 16Page - Texas Instruments INA138NA/3K Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
40
30
R =
L
50kΩ
20
10
R =
L
5kΩ
0
R =
L
500kΩ
–10
–20
C =
L
10nF
C =
L
1nF
C =
L
100pF
100
1k
10k
100k
1M
10M
Frequency (Hz)
3
4
INA138
f
–3dB
=
f
–3dB
1
2 R C
π L L
V
O
R
C
L
L
13
INA138, INA168
www.ti.com
SBOS122E – DECEMBER 1999 – REVISED DECEMBER 2017
Product Folder Links: INA138 INA168
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
Typical Applications (continued)
8.2.2 Output Filter
Figure 12. Output Filter
8.2.2.1 Design Requirements
Filter the output of the INA1x8 devices.
8.2.2.2 Detailed Design Procedure
A low-pass filter can be formed at the output of the INA1x8 devices simply by placing a capacitor of the desired
value in parallel with the load resistor. First determine the value of the load resistor needed to achieve the
desired gain. Refer to the table in Figure 9. Next, determine the capacitor value that will result in the desired
cutoff frequency according to the equation shown in Figure 12. Figure 13 illustrates various combinations of gain
settings (determined by RL) and filter capacitors.
8.2.2.3 Application Curve
Figure 13. Gain vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com