Electronic Components Datasheet Search
  English  ▼

X  

INA138NA/3K Datasheet(PDF) 9 Page - Texas Instruments

Part # INA138NA/3K
Description  INA1x8 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138NA/3K Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA138NA/3K Datasheet HTML 5Page - Texas Instruments INA138NA/3K Datasheet HTML 6Page - Texas Instruments INA138NA/3K Datasheet HTML 7Page - Texas Instruments INA138NA/3K Datasheet HTML 8Page - Texas Instruments INA138NA/3K Datasheet HTML 9Page - Texas Instruments INA138NA/3K Datasheet HTML 10Page - Texas Instruments INA138NA/3K Datasheet HTML 11Page - Texas Instruments INA138NA/3K Datasheet HTML 12Page - Texas Instruments INA138NA/3K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
INA138, INA168
www.ti.com
SBOS122E – DECEMBER 1999 – REVISED DECEMBER 2017
Product Folder Links: INA138 INA168
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Output Voltage Range
The output of the INA1x8 device is a current that is converted to a voltage by the load resistor, RL. The output
current remains accurate within the compliance voltage range of the output circuitry. The shunt voltage and the
input common-mode and power-supply voltages limit the maximum possible output swing. The maximum output
voltage (Vout max) compliance is limited by either Equation 1 or Equation 2, whichever is lower:
Vout max = (V+) – 0.7 V – (VIN+ – VIN–)
(1)
or
Vout max = VIN– – 0.5 V
(2)
7.3.2 Bandwidth
Measurement bandwidth is affected by the value of the load resistor, RL. High gain produced by high values of
RL will yield a narrower measurement bandwidth (see Typical Characteristics). For widest possible bandwidth,
keep the capacitive load on the output to a minimum. Reduction in bandwidth due to capacitive load is shown in
the Typical Characteristics.
If bandwidth limiting (filtering) is desired, a capacitor can be added to the output (see Figure 12). This will not
cause instability.
7.4 Device Functional Modes
For proper operation the INA1x8 devices must operate within their specified limits. Operating either device
outside of their specified power supply voltage range or their specified common-mode range will result in
unexpected behavior and is not recommended. Additionally operating the output beyond their specified limits with
respect to power supply voltage and input common-mode voltage will also produce unexpected results. Refer to
Electrical Characteristics for the device specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com