Electronic Components Datasheet Search
  English  ▼

X  

INA138NA/3K Datasheet(PDF) 10 Page - Texas Instruments

Part # INA138NA/3K
Description  INA1x8 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138NA/3K Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA138NA/3K Datasheet HTML 6Page - Texas Instruments INA138NA/3K Datasheet HTML 7Page - Texas Instruments INA138NA/3K Datasheet HTML 8Page - Texas Instruments INA138NA/3K Datasheet HTML 9Page - Texas Instruments INA138NA/3K Datasheet HTML 10Page - Texas Instruments INA138NA/3K Datasheet HTML 11Page - Texas Instruments INA138NA/3K Datasheet HTML 12Page - Texas Instruments INA138NA/3K Datasheet HTML 13Page - Texas Instruments INA138NA/3K Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
VOLTAGE GAIN
EXACT R ( )
L
NEAREST 1% R ( )
L
1
2
5
10
20
50
100
5k
10k
25k
50k
100k
250k
500k
4.99k
10k
24.9k
49.9k
100k
249k
499k
I
V
P
Load Power Supply
Shunt
R
S
S
V+ power can be common or
independent of load supply.
V+
V
IN+
V
IN–
3
4
Load
R
G1
5 k
R
G2
5 k
5
Q1
INA138
2
OUT
1
I
0
+
R
V
L
O
–
2.7 V to 36 V
(1)
2.7 V
(V+)
36 V
(1)
≤
≤
Copyright © 1999, Texas Instruments Incorporated
10
INA138, INA168
SBOS122E – DECEMBER 1999 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: INA138 INA168
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Operation
Figure 9 illustrates the basic circuit diagram for both the INA138 and INA168 devices. Load current IS is drawn
from supply VS through shunt resistor RS. The voltage drop in shunt resistor VS is forced across RG1 by the
internal op amp, causing current to flow into the collector of Q1. External resistor RL converts the output current
to a voltage, VOUT, at the OUT pin. The transfer function for the INA138 device is:
IO = gm(VIN+ – VIN–)
(3)
where gm = 200 µA/V.
In the circuit of Figure 9, the input voltage, (VIN+ – VIN–), is equal to IS × RS and the output voltage, VOUT, is equal
to IO × RL. The transconductance, gm, of the INA138 device is 200 µA/V. The complete transfer function for the
current measurement amplifier in this application is:
VOUT = (IS) (RS) (200 µA/V) (RL)
(4)
The maximum differential input voltage for accurate measurements is 0.5 V, which produces a 100-µA output
current. A differential input voltage of up to 2 V will not cause damage. Differential measurements (pins 3 and 4)
must be unipolar with a more-positive voltage applied to pin 3. If a more-negative voltage is applied to pin 3, the
output current, IO, will be zero, but it will not cause damage.
(1)
Maximum VP and V+ voltage is 60 V with INA168.
Figure 9. Basic Circuit Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com