Electronic Components Datasheet Search
  English  ▼

X  

LM2103 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2103
Description  LM2103 107-V, 0.5-A/0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Inverting Input
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2103 Datasheet(HTML) 3 Page - Texas Instruments

  LM2103 Datasheet HTML 1Page - Texas Instruments LM2103 Datasheet HTML 2Page - Texas Instruments LM2103 Datasheet HTML 3Page - Texas Instruments LM2103 Datasheet HTML 4Page - Texas Instruments LM2103 Datasheet HTML 5Page - Texas Instruments LM2103 Datasheet HTML 6Page - Texas Instruments LM2103 Datasheet HTML 7Page - Texas Instruments LM2103 Datasheet HTML 8Page - Texas Instruments LM2103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
5 Pin Configuration and Functions
BST
GH
SH
GL
GVDD
INH
INL
GND
Not to scale
1
2
3
4
5
6
7
8
Figure 5-1. D Package, 8-Pin SOIC (Top View)
Table 5-1. Pin Functions
PIN
DESCRIPTION
NO.
NAME
TYPE(1)
1
GVDD
P
Gate driver positive supply rail. Locally decouple to ground using low ESR and ESL capacitor
located as close to IC as possible.
2
INH
I
High-side control input. The INH input is compatible with TTL and CMOS input thresholds.
Unused INH input must be tied to ground and not left open.
3
INL
I
Low-side control input. The inverting INL input is compatible with TTL and CMOS input
thresholds. Unused INL input must be tied to GVDD and not left open.
4
GND
G
Ground. All signals are referenced to this ground.
5
GL
O
Low-side gate driver output. Connect to the gate of the low-side MOSFET or one end of
external gate resistor, when used.
6
SH
P
High-side source connection. Connect to the negative terminal of the bootstrap capacitor and
to the source of the high-side MOSFET.
7
GH
O
High-side gate driver output. Connect to the gate of the high-side MOSFET or one end of
external gate resistor, when used.
8
BST
P
High-side gate driver positive supply rail. Connect the positive terminal of the bootstrap
capacitor to BST and the negative terminal of the bootstrap capacitor to SH. The bootstrap
capacitor must be placed as close to IC as possible.
(1)
G = Ground, I = Input, O = Output, and P = Power
www.ti.com
LM2103
SNVSC62A – APRIL 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM2103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com