Electronic Components Datasheet Search
  English  ▼

X  

LM2103 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2103
Description  LM2103 107-V, 0.5-A/0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Inverting Input
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2103 Datasheet(HTML) 4 Page - Texas Instruments

  LM2103 Datasheet HTML 1Page - Texas Instruments LM2103 Datasheet HTML 2Page - Texas Instruments LM2103 Datasheet HTML 3Page - Texas Instruments LM2103 Datasheet HTML 4Page - Texas Instruments LM2103 Datasheet HTML 5Page - Texas Instruments LM2103 Datasheet HTML 6Page - Texas Instruments LM2103 Datasheet HTML 7Page - Texas Instruments LM2103 Datasheet HTML 8Page - Texas Instruments LM2103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over operating junction temperature range and all voltages are with respect to GND (unless otherwise noted).(1)
MIN
MAX
UNIT
VGVDD
Low-side supply voltage
–0.3
19.5
V
VBST to VSH High-side supply voltage
–0.3
19.5
V
VINL, VINH
Input voltages on INL and INH
–0.3
19.5
V
VGL
Output voltage on GL
–0.3
GVDD + 0.3
V
VGH
Output voltage on GH
VSH– 0.3
VBST + 0.3
V
VSH
Voltage on SH
DC
–1
95
V
Repetitive pulse < 100 ns(2)
–19.5
95
VBST
Voltage on BST
VSH
107
V
TJ
Junction temperature
–40
125
°C
Tstg
Storage temperature
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Values are verified by characterization and are not production tested.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification
JESD22-C101(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Over operating junction temperature range and all voltages are with respect to GND (unless otherwise noted).
MIN
NOM
MAX
UNIT
VGVDD
Supply voltage
9
12
18
V
VINL, VINH
Input Voltage Range
0
VGVDD + 0.3
V
VBST
Voltage on BST
VSH + 9
105
V
VSH
Voltage on SH (DC)
–1
VBST – VGVDD
V
VSH
Voltage on SH (repetitive pulse < 100 ns)(1)
–18
VBST – VGVDD
V
SRSH
Voltage slew rate on SH
50
V/ns
TJ
Operating junction temperature
–40
125
°C
(1)
Values are verified by characterization and are not production tested.
6.4 Thermal Information
THERMAL METRIC(1)
LM2103
UNIT
D (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
133.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
75.2
°C/W
RθJB
Junction-to-board thermal resistance
76.7
°C/W
ψJT
Junction-to-top characterization parameter
25.5
°C/W
ψJB
Junction-to-board characterization parameter
75.9
°C/W
LM2103
SNVSC62A – APRIL 2023 – REVISED AUGUST 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM2103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com