Electronic Components Datasheet Search
  English  ▼

X  

LM2103 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2103
Description  LM2103 107-V, 0.5-A/0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Inverting Input
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2103 Datasheet(HTML) 5 Page - Texas Instruments

  LM2103 Datasheet HTML 1Page - Texas Instruments LM2103 Datasheet HTML 2Page - Texas Instruments LM2103 Datasheet HTML 3Page - Texas Instruments LM2103 Datasheet HTML 4Page - Texas Instruments LM2103 Datasheet HTML 5Page - Texas Instruments LM2103 Datasheet HTML 6Page - Texas Instruments LM2103 Datasheet HTML 7Page - Texas Instruments LM2103 Datasheet HTML 8Page - Texas Instruments LM2103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
6.4 Thermal Information (continued)
THERMAL METRIC(1)
LM2103
UNIT
D (SOIC)
8 PINS
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
VGVDD = VBST = 12 V, GND = VSH = 0 V, No Load on GL or GH, TJ = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENTS
IGVDD
GVDD quiescent current
VINL = 3 V, VINH = 0 V
430
μA
IDDO
GVDD operating current
f = 50 kHz, CLOAD = 0
0.56
mA
IBST
Total BST quiescent current
VINL = 3 V, VINH = 0 V, VDD = 12 V
150
uA
IBSTO
Total BST operating current
f = 50 kHz, CLOAD = 0
0.16
mA
IBSTS
BST to GND quiescent current
VSH = VBST = 95 V, GVDD = 12 V
33.3
μA
IBSTO
BST to GND operating current
f = 50 kHz, CLOAD = 0
0.07
mA
INPUT
VHIT
Input voltage high threshold
-40°C to 125°C
1.45
2
V
VLIT
Input voltage low threshold
-40°C to 125°C
0.8
1.35
V
VIHYS
Input voltage hysteresis
0.15
V
RINH
INH input pulldown resistance
VINH = 3 V
200
kΩ
RINL
INL input pullup resistance
VINL = 0 V
200
kΩ
UNDERVOLTAGE PROTECTION (UVLO)
VGVDDR
GVDD rising threshold
VGVDDR = VGVDD - GND, -40°C to 125°C
8.15
8.75
V
VGVDDF
GVDD falling threshold
VGVDDF = VGVDD - GND, -40°C to 125°C
6.75
7.7
V
VGVDDHYS
GVDD threshold hysteresis
0.45
V
VBSTR
VBST rising threshold
VBSTR = VBST - VSH, -40°C to 125°C
7.6
8.5
V
VBSTF
VBST falling threshold
VBSTF = VBST - VSH, -40°C to 125°C
6.25
7.15
V
VBSTHYS
VBST threshold hysteresis
0.45
V
LO GATE DRIVER
VGL_L
Low level output voltage
IGL = 100 mA, VGL_L = VGL – GND
0.25
V
VGL_H
High level output voltage
IGL = -100 mA, VGL_H = VGVDD – VGL
0.8
V
Peak pullup current(1)
VGL = 0V
0.5
A
Peak pulldown current(1)
VGL = 12V
0.8
A
HO GATE DRIVER
VGH_L
Low level output voltage
IGH = 100 mA, VGH_L = VGH – VSH
0.25
V
VGH_H
High level output voltage
IGH = –100 mA, VGH_H = VBST – VGH
0.8
V
Peak pullup current(1)
VGH = 0V
0.5
A
Peak pulldown current(1)
VGH = 12V
0.8
A
(1)
Parameter not tested in production.
6.6 Switching Characteristics
VGVDD = VBST = 12 V, GND = VSH = 0 V, No Load on GL or GH, TJ = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PROPAGATION DELAYS
tDLRF
VINL rising to VGL falling
VINL = 0 V to 3 V, CLOAD = 0 pF. Time from
50% of the input to 90% of the output.
115
ns
www.ti.com
LM2103
SNVSC62A – APRIL 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LM2103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com