Electronic Components Datasheet Search
  English  ▼

X  

LM2103 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2103
Description  LM2103 107-V, 0.5-A/0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Inverting Input
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2103 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2103 Datasheet HTML 6Page - Texas Instruments LM2103 Datasheet HTML 7Page - Texas Instruments LM2103 Datasheet HTML 8Page - Texas Instruments LM2103 Datasheet HTML 9Page - Texas Instruments LM2103 Datasheet HTML 10Page - Texas Instruments LM2103 Datasheet HTML 11Page - Texas Instruments LM2103 Datasheet HTML 12Page - Texas Instruments LM2103 Datasheet HTML 13Page - Texas Instruments LM2103 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
7 Detailed Description
7.1 Overview
The LM2103 is a high-voltage gate driver designed to drive both the high-side and the low-side N-channel FETs
in a synchronous buck or a half-bridge configuration. The two outputs are independently controlled with two
TTL-compatible input signals, with an exception to prevent cross conduction when INH is high and INL is low
at the same time. The device can also work with CMOS type control signals at its inputs as long as the signals
meet the turn-on and turn-off threshold specifications of the LM2103. The floating high-side driver is capable
of working with a recommended BST voltage up to 105 V. A robust level shifter operates at high speed while
consuming low power and providing clean level transitions from the control logic to the high-side gate driver.
Undervoltage lockout (UVLO) is provided on both the low-side and the high-side power rails.
7.2 Functional Block Diagram
LEVEL
SHIFT
UVLO
UVLO
INH
INL
GVDD
BST
GH
SH
GL
GND
DRIVER
STAGE
DRIVER
STAGE
5V
Dead-time
block
and cross
conduction
prevention
logic
GVDD
7.3 Feature Description
7.3.1 Start-Up and UVLO
Both the high-side and the low-side driver stages include UVLO protection circuitry which monitors the supply
voltage (VGVDD) and the bootstrap capacitor voltage (VBST-SH). The UVLO circuit inhibits each output until
sufficient supply voltage is available to turn on the external MOSFETs, and the built-in UVLO hysteresis prevents
chattering during supply voltage variations. When the supply voltage is applied to the GVDD pin of the device,
both outputs are held low until VGVDD exceeds the UVLO threshold, typically 8 V. Any UVLO condition on the
bootstrap capacitor (VBST–SH) disables only the high-side output (GH).
LM2103
SNVSC62A – APRIL 2023 – REVISED AUGUST 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM2103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com