Electronic Components Datasheet Search
  English  ▼

X  

LM2103 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2103
Description  LM2103 107-V, 0.5-A/0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Inverting Input
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2103 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2103 Datasheet HTML 2Page - Texas Instruments LM2103 Datasheet HTML 3Page - Texas Instruments LM2103 Datasheet HTML 4Page - Texas Instruments LM2103 Datasheet HTML 5Page - Texas Instruments LM2103 Datasheet HTML 6Page - Texas Instruments LM2103 Datasheet HTML 7Page - Texas Instruments LM2103 Datasheet HTML 8Page - Texas Instruments LM2103 Datasheet HTML 9Page - Texas Instruments LM2103 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6.6 Switching Characteristics (continued)
VGVDD = VBST = 12 V, GND = VSH = 0 V, No Load on GL or GH, TJ = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDHFF
VINH falling to VGH falling
VINH = 3 V to 0 V, CLOAD = 0 pF. Time from
50% of the input to 90% of the output.
115
ns
tDLFR
VINL falling to VGL rising
VINL = 3 V to 0 V, CLOAD = 0 pF. Time from
50% of the input to 10% of the output.
115
ns
tDHRR
VINH rising to VGH rising
VINH = 0 V to 3 V, CLOAD = 0 pF. Time from
50% of the input to 10% of the output.
115
ns
DEADTIME
tDT
Internal Deadtime
475
ns
OUTPUT RISE AND FALL TIME
tR_GL
GL
CLOAD = 1000 pF
28
ns
tR_GH
GH
CLOAD = 1000 pF
28
ns
tF_GL
GL
CLOAD = 1000 pF
18
ns
tF_GH
GH
CLOAD = 1000 pF
18
ns
6.7 Timing Diagrams
INH
INL
GL
GH
t
DLFR
t
DLRF
t
DHRR
t
DHFF
t
DT
t
DT
Figure 6-1. Timing Definition Diagram
LM2103
SNVSC62A – APRIL 2023 – REVISED AUGUST 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM2103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com