Electronic Components Datasheet Search
  English  ▼

X  

BAS16QC Datasheet(PDF) 33 Page - Nexperia B.V. All rights reserved

Part # BAS16QC
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QC Datasheet(HTML) 33 Page - Nexperia B.V. All rights reserved

Back Button BAS16QC Datasheet HTML 29Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 30Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 31Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 32Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 33Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 34Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 35Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 36Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 37Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 234 page
background image
Automotive-qualified
Package
SOT223
(SC-73)
SOT89
(SC-62)
DFN1010D-3
(SOT1215)
SOT23
Size (mm)
6.5 x 3.5 x 1.65
4.5 x 2.5 x 1.5
1.1 x 1.0 x 0.37
2.9 x 1.3 x 1.0
Ptot (mW)
1700
1300
750
250
Polarity
V
CEO [max] (V)
I
C (A)
hFE [min]
hFE [max]
NPN
150
0.5
100
PBHV8515QA
1
70
300
PBHV8115TLH
100
PBHV8115T
PBHV8115X
PBHV8115Z
2
100
PBHV8215Z
180
1
100
PBHV8118T
400
0.5
100
PBHV8540Z
PBHV8540X
PBHV8540T
1
100
PBHV8140Z
500
0.15
50
PMBTA45
600
0.1
70
PBHV2160Z
0.5
70
PBHV8560Z
PNP
140
4
100
PBHV9414Z
150
0.5
100
PBHV9515QA
1
70
300
PBHV9115TLH
100
PBHV9115T
PBHV9115X
PBHV9115Z
2
100
PBHV9215Z
400
0.25
100
PBHV9040T
PBHV9040X
PBHV9040Z
0.5
100
PBHV9540Z
140
450
PBHV9540X
500
0.15
100
PBHV9050T
0.25
100
PBHV9050Z
600
0.1
70
PBHV3160Z
0.5
70
PBHV9560Z
Low V
CEsat transistors
Low VCEsat high voltage transistors
Low VCEsat RETs
Automotive-qualified
Package
SOT23
Size (mm)
2.9 x 1.3 x 1.0
Ptot (mW)
250
V
CEO (V)
I
C (mA)
R1 (kΩ)
R2 (kΩ)
NPN
PNP
40
600
R1 = R2
1
1
PBRN113ET
PBRP113ET
2.2
2.2
PBRN123ET
PBRP123ET
R1 ≠ R2
1
10
PBRN113ZT
PBRP113ZT
2.2
10
PBRN123YT
PBRP123YT
M3D109
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com