Electronic Components Datasheet Search
  English  ▼

X  

BAS16QC Datasheet(PDF) 73 Page - Nexperia B.V. All rights reserved

Part # BAS16QC
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QC Datasheet(HTML) 73 Page - Nexperia B.V. All rights reserved

Back Button BAS16QC Datasheet HTML 69Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 70Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 71Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 72Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 73Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 74Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 75Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 76Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 77Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 234 page
background image
73
Types in
bold red are in development, types in bold represent new products
Common mode filters with integrated protection 
RC low pass filters with integrated protection 
Interface
Number of
protected
lines
Type
Differential
Mode 3 dB
frequency
(typ.)
range
of CM
rejection
> -10 dB
V
RWM
(V)
IEC61000-
4-2 ESD
rating
(kV)
IPP (A)
8/20 µs
Channel
series resist-
ance ( Ω)
Package
Size (mm)
USB2.0
1
IP3319CX6
1.5
0.14 - 5.8
5.5
15
6
6
WLCSP6
0.95 x 1.34 x 0.6
USB3.2
1
PCMF1USB3BA/C
10 GHz
1.85 - 8.9
4
15
7.5
2.2
WLCSP5
0.8 x 1.2 x 0.5
2
PCMF2USB3BA/C
WLCSP10
1.6 x 1.2 x 0.5
3
PCMF3USB3BA/C
WLCSP15
2.4 x 1.2 x 0.5
1
PCMF1USB3B/C
8.1 GHz
1.24 - 10
4
20
9.5
2.6
WLCSP5
0.8 x 1.2 x 0.5
2
PCMF2USB3B/C
WLCSP10
1.6 x 1.2 x 0.5
3
PCMF3USB3B/C
WLCSP15
2.4 x 1.2 x 0.5
1
PCMF1USB3S
6 GHz
0 63 - 8.3
5
15
7
3
WLCSP5
0.8 x 1.2 x 0.5
2
PCMF2USB3S
WLCSP10
1.6 x 1.2 x 0.5
3
PCMF3USB3S
WLCSP15
2.4 x 1.2 x 0.5
1
PESD1USB3B
16.1 GHz
-
4
20
9.5
-
WLCSP5
0.8 x 1.2 x 0.5
2
PESD2USB3B
WLCSP10
1.6 x 1.2 x 0.5
3
PESD3USB3B
WLCSP15
2.4 x 1.2 x 0.5
1
PESD1USB3S
17 GHz
-
5
15
8
-
WLCSP5
0.8 x 1.2 x 0.5
2
PESD2USB3S
WLCSP10
1.6 x 1.2 x 0.5
3
PESD3USB3S
WLCSP15
2.4 x 1.2 x 0.5
HDMI2.0
1
PCMF1HDMI2S
>6 GHz
0.63-8.3
5
15
7
3
WLCSP5
0.8 x 1.2 x 0.5
2
PCMF2HDMI2S
WLCSP10
1.6 x 1.2 x 0.5
3
PCMF3HDMI2S
WLCSP15
2.4 x 1.2 x 0.5
Number of
protected lines
Line small-signal equivalents
Digital
interface clock
speed (MHz)
Insertion loss
S21~ -3 dB
(MHz)
Type
Package
Size (mm)
Rline (Ω)
Cline (pF)
Lline (nH)
4
40
18
-
~100
300
IP4252CZ8-4 -TTL
DFN1714-8
(SOT1166)
1.7 x 1.35 x 0.52
100
45
-
~40
130
IP4254CZ8-4-TTL
8
40
18
-
~100
300
IP4252CZ16-8-TTL
DFN3314-16
(SOT1168)
3.3 x 1.35 x 0.53
100
45
-
~40
130
IP4254CZ16-8-TTL
15
-
~110
330
IP4251CZ16-8-TTL
EMI solutions with integrated protection 
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com