Electronic Components Datasheet Search
  English  ▼

X  

BAS16QC Datasheet(PDF) 63 Page - Nexperia B.V. All rights reserved

Part # BAS16QC
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QC Datasheet(HTML) 63 Page - Nexperia B.V. All rights reserved

Back Button BAS16QC Datasheet HTML 59Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 60Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 61Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 62Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 63Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 64Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 65Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 66Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 67Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 234 page
background image
63
Automotive ESD protection and TVS 
Types in
bold represent new products
TrEOS Automotive
Infotainment / SerDes
Configuration
Type
Package
Size (mm)
USB2.0
HDMI
LVDS
2
3.3
11
0.8
0.9
-
-
brb051
1
2
3
PESD2USB3UV-T
SOT23
2.9 x 1.3 x 1.0
3.3
11
0.5
0.6
-
-
PESD2USB3UX-T
5
11
0.7
0.8
-
-
PESD2USB5UV-T
5
11
0.4
0.5
-
-
PESD2USB5UX-T
USB2.0
HDMI
LVDS
4
3.3
10
0.5
0.6
-
4.6 V @ 5.2 A
PESD4USB3R-TBR
DFN2510A-10
(SOT1176-1)
2.5 x 1.0 x 0.5
5
10
0.5
0.6
-
4.6 V @ 5.2 A
PESD4USB5R-TBR
USB3.x
HDMI
LVDS
3.3
15
0.29
0.34
7
3 V @ 5 A
PESD4USB3U-TBR
5
15
0.29
0.34
7
3 V @ 5 A
PESD4USB5U-TBR
Configuration
Type
Package
Size (mm)
Audio
Interface
Charger Port
Antenna
(NFC, WiFi)
LVDS
1
4.5
30
65
78
34
13.2
PTVS4V5D1BL
DFN1006-2
(SOD882)
1.0 x 0.6 x 0.48
5
10
0.4
0.55
-
-
PESD5V0F1BLD
5
10
0.4
0.55
-
-
PESD5V0F1BRLD
5.5
30
70
84
35
12.2
PTVS5V5D1BL
18
10
0.35
0.5
1
17
PESD18VF1BL
24
10
0.3
0.45
1
17
PESD24VF1BL
30
10
0.27
0.4
1
17
PESD30VF1BL
5
30
35
45
12
14
PESD5V0S1BLD
DFN1006D-2
(SOD882D)
1.0 x 0.6 x 0.48
5
30
11
13
4.8
12.5
PESD5V0V1BLD
2
1
Sym045
PUSB3F97
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 10 May 2017
2 of 14
Nexperia
PUSB3F97
ESD protection for ultra high-speed interfaces
2. Pinning information
3. Ordering information
4. Marking
5. Limiting values
[1] All pins to ground.
Table 1.
Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
CH1
channel 1 ESD protection
2
CH2
channel 2 ESD protection
3
GND
ground
4
CH3
channel 3 ESD protection
5
CH4
channel 4 ESD protection
6
n.c.
not connected
7
n.c.
not connected
8
GND
ground
9
n.c.
not connected
10
n.c.
not connected
Table 2.
Ordering information
Type number
Package
Name
Description
Version
PUSB3F97
DFN2510A-10
plastic extremely thin small outline package; no leads;
10 terminals; body 1  2.5  0.5 mm
SOT1176-1
Table 3.
Marking codes
Type number
Marking code
PUSB3F97
96
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
0.5
+5.5
V
VESD
electrostatic discharge voltage
IEC 61000-4-2, level 4
[1]
contact discharge
10
+10
kV
air discharge
15
+15
kV
Tamb
ambient temperature
40
+85
C
Tstg
storage temperature
55
+125
C
Nexperia
PUSB3FR4
ESD protection for ultra high-speed interfaces
4. Pinning information
Table 1. Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
CH1
channel 1 ESD protection
2
CH2
channel 2 ESD protection
3
GND
ground
4
CH3
channel 3 ESD protection
5
CH4
channel 4 ESD protection
6
n.c.
not connected
7
n.c.
no connection
8
GND
ground
9
n.c.
not connected
10
n.c.
not connected
Transparent top view
10 9
8
7
6
1
2
3
4
5
DFN2510A-10 (SOT1176-1)
CH1
CH2
CH3
CH4
GND
=
aaa-016329
5. Ordering information
Table 2. Ordering information
Package
Type number
Name
Description
Version
PUSB3FR4
DFN2510A-10 plastic, leadless extremely thin small outline package; 10
terminals; 0.5 mm pitch; 2.5 mm x 1 mm x 0.5 mm body
SOT1176-1
6. Marking
Table 3. Marking codes
Type number
Marking code
PUSB3FR4
FR
PUSB3FR4
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
12 July 2018
2 / 15
[1]
According to IEC 61000-4-2
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com