Electronic Components Datasheet Search
  English  ▼

X  

BAS16QC Datasheet(PDF) 71 Page - Nexperia B.V. All rights reserved

Part # BAS16QC
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QC Datasheet(HTML) 71 Page - Nexperia B.V. All rights reserved

Back Button BAS16QC Datasheet HTML 67Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 68Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 69Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 70Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 71Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 72Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 73Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 74Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 75Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 234 page
background image
71
ESD protection 
Number of
protected lines
Configuration
Type
Package
Size (mm)
0
1
5
35
45
12
30
0.1
PESD5V0S1BL
DFN1006-2 (SOD882)
1.7 x 1.25 x 0.95
5.5
70
84
35
30
0.1
PTVS5V5D1BL
12
17
25
7.8
30
0.01
PESD12VV1BL
3
20
25
10
30
0.1
PESD3V3T1BLD
DFN1006D-2 (SOD882D)
5
11
13
4.8
30
0.01
PESD5V0V1BLD
35
45
12
30
0.1
PESD5V0S1BLD
11
13
4.8
30
0.01
PESD5V0V1BB
SOD523 (SC-79)
1.2 x 0.8 x 0.6
35
45
12
30
0.1
PESD5V0S1BB
11
13
4.8
30
0.01
PESD5V0V1BA
SOD323 (SC-76)
1.7 x 1.25 x 0.95
35
45
12
12
0.1
PESD5V0S1BA
2.9
3.5
-
10
0.1
PESD5V0U1BL
DFN1006-2 (SOD882)
PESD5V0U1BLD
DFN1006D-2 (SOD882D)
PESD5V0U1BB
SOD523 (SC-79)
PESD5V0U1BA
SOD323 (SC-76)
2
1
3.3
22
28
3
15
0.03
PESD3V3L2UM
DFN1006-3 (SOT883)
1.0 x 0.6 x 0.5
5
16
19
2.5
15
0.025
PESD5V0L2UM
2.5
15
0.025
PESD5V0L2UMB
DFN1006B-3 (SOT883B)
1 x 0.6 x 0.37
3.3
207
300
18
30
2
PESD3V3S2UT
SOT23
2.9 x 1.3 x 1
5.2
152
200
15
30
1
PESD5V2S2UT
12
38
75
5
30
1
PESD12VS2UT
15
32
70
5
30
1
PESD15VS2UT
24
23
50
3
23
1
PESD24VS2UT
36
17
35
2.5
30
1 (@ 30 V)
PESD36VS2UT
42
17
20
1.8
23
0.05
PESD42S2UT
3.3
207
300
18
30
2
PESD3V3S2UAT
5
152
200
15
30
1
PESD5V0S2UAT
15
32
70
5
30
0.05
PESD15VS2UAT
24
23
50
3
23
0.05
PESD24VS2UAT
5
38
46
6.5
30
0.09
PESD5V0L2UU
SOT323 (SC-70)
2 x 1.25 x 0.95
(@ 4 V)
6
34
40
5.5
30
0.018
PESD6V0L2UU
(@ 4.3 V)
0
2
3.3
101
-
15
30
0.05
PESD3V3L2BT
SOT23
2.9 x 1.3 x 1
5
75
-
13
30
0.05
PESD5V0L2BT
12
19
-
5
30
0.1
PESD12VL2BT
General purpose ESD protection devices
mse211
brb051
1
2
3
bra004
1
2
3
mse213
1
2
3
[1]
10/1000µs according to IEC 61643-321
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com