Electronic Components Datasheet Search
  English  ▼

X  

BAS16QC Datasheet(PDF) 96 Page - Nexperia B.V. All rights reserved

Part # BAS16QC
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QC Datasheet(HTML) 96 Page - Nexperia B.V. All rights reserved

Back Button BAS16QC Datasheet HTML 92Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 93Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 94Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 95Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 96Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 97Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 98Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 99Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 100Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 234 page
background image
Power MOSFETs
Package
Type number
V
DS [max] (V)
R
DS(on) [max] @
V
GS = 10 V (mΩ)
R
DS(on) [max] @
V
GS = 4.5 V or 5 V (mΩ)
I
D [max] (A)
Q
G(tot) [typ] (nC)
LFPAK56E
(SOT1023)
PSMN3R9-100YSF
100
4
LFPAK56
(Power-SO8)
PSMN8R0-80YL
80
8
8.5
100
104
PSMN8R2-80YS
80
8.5
82
55
PSMN010-80YL
80
10
11
84
84.7
PSMN011-80YS
80
11
67
45
PSMN013-80YS
80
12.9
60
37
PSMN014-80YL
80
14
15
62
56.9
PSMN018-80YS
80
18
45
26
PSMN025-80YL
80
25
27
37
34.3
PSMN026-80YS
80
28
34
20
PSMN041-80YL
80
41
45
25
21.9
PSMN045-80YS
80
45
24
12.5
PSMN5R6-100YSF
100
5.6
158
63
PSMN6R9-100YSF
100
6.9
128
51
PSMN8R7-100YSF
100
8.7
100
39
PSMN011-100YSF
100
10.9
79.5
34.3
PSMN012-100YL
100
12
12
85
118
PSMN012-100YS
100
12
60
64
PSMN013-100YSE
100
13
82
75
PSMN015-100YL
100
15
15
69
86.3
PSMN016-100YS
100
16
51
54
PSMN019-100YL
100
19
19
56
72.4
PSMN021-100YL
100
21
22
49
65.6
PSMN020-100YS
100
21
43
41
PSMN028-100YS
100
28
42
33
PSMN038-100YL
100
38
38
30
39.2
PSMN039-100YS
100
39
28.1
23
PSMN069-100YS
100
72
17
14
PSMN059-150Y
150
59
43
27.9
PSMN102-200Y
200
102
21.5
30.7
LFPAK33
(SOT1210)
PSMN040-100MSE
100
37
30
30
PSMN075-100MSE
100
71
18
16.4
SOT873
PML260SN
200
294
8.8
13.3
PML340SN
220
386
7.3
13.2
LFPAK88
(SOT1235)
PSMN2R0-100SSF
100
2.0
PSMN2R0-100SSE
100
2.0
PSMN2R5-100SSF
100
2.5
PSMN2R5-100SSE
100
2.5
N-channel 75V-200V Power MOSFETs
Types in
bold red are in development, types in bold represent new products
Nexperia selection guide 2020
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com