Electronic Components Datasheet Search
  English  ▼

X  

AD6653-125EBZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD6653-125EBZ
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653-125EBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD6653-125EBZ Datasheet HTML 26Page - Analog Devices AD6653-125EBZ Datasheet HTML 27Page - Analog Devices AD6653-125EBZ Datasheet HTML 28Page - Analog Devices AD6653-125EBZ Datasheet HTML 29Page - Analog Devices AD6653-125EBZ Datasheet HTML 30Page - Analog Devices AD6653-125EBZ Datasheet HTML 31Page - Analog Devices AD6653-125EBZ Datasheet HTML 32Page - Analog Devices AD6653-125EBZ Datasheet HTML 33Page - Analog Devices AD6653-125EBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
AD6653
Rev. 0 | Page 30 of 80
When using the SPI port interface, the user can place the ADC
in power-down mode or standby mode. Standby mode allows
the user to keep the internal reference circuitry powered when
faster wake-up times are required. See the Memory Map Register
Description section and Application Note AN-877, Interfacing
to High Speed ADCs via SPI at www.analog.com for additional
details.
DIGITAL OUTPUTS
The AD6653 output drivers can be configured to interface with
1.8 V to 3.3 V CMOS logic families by matching DRVDD to the
digital supply of the interfaced logic. Alternatively, the AD6653
outputs can be configured for either ANSI LVDS or reduced
drive LVDS using a 1.8 V DRVDD supply.
In CMOS output mode, the output drivers are sized to provide
sufficient output current to drive a wide variety of logic families.
However, large drive currents tend to cause current glitches on
the supplies that may affect converter performance. Applications
requiring the ADC to drive large capacitive loads or large fanouts
may require external buffers or latches.
The output data format can be selected for either offset binary
or twos complement by setting the SCLK/DFS pin when operating
in the external pin mode (see Table 12). As detailed in Application
Note AN-877, Interfacing to High Speed ADCs via SPI, the data
format can be selected for offset binary, twos complement, or
gray code when using the SPI control.
Table 12. SCLK/DFS Mode Selection (External Pin Mode)
Voltage at Pin
SCLK/DFS
SDIO/DCS
AGND (default)
Offset binary
DCS disabled
AVDD
Twos complement
DCS enabled
Digital Output Enable Function (OEB)
The AD6653 has a flexible, three-state ability for the digital output
pins. The three-state modeis enabled using the SMI SDO/OEB
pin or through the SPI interface.
If the SMI SDO/OEB pin is low, the output data drivers are enabled.
If the SMI SDO/OEB pin is high, the output data drivers are placed
in a high impedance state.
This OEB function is not intended for rapid access to the data
bus. Note that OEB is referenced to the digital output driver
supply (DRVDD) and should not exceed that supply voltage.
When using the SPI interface, the data and fast detect outputs of
each channel can be independently three-stated by using the
output enable bar bit, Bit 4 in Register 0x14.
Interleaved CMOS Mode
Setting Bit 5 in Register 0x14 enables interleaved CMOS output
mode. In this mode, output data is routed through Port A with
the ADC Channel A output data present on the rising edge of
DCO and the ADC Channel B output data present on the
falling edge of DCO.
Timing
The AD6653 provides latched data with a pipeline delay that is
dependent on which of the digital back end features are enabled.
Data outputs are available one propagation delay (tPD) after the
rising edge of the clock signal.
The length of the output data lines and loads placed on them
should be minimized to reduce transients within the AD6653.
These transients can degrade converter dynamic performance.
The lowest typical conversion rate of the AD6653 is 10 MSPS. At
clock rates below 10 MSPS, dynamic performance may degrade.
Data Clock Output (DCO)
The AD6653 also provides data clock output (DCO) intended for
capturing the data in an external register. Figure 2 through Figure
6
show a graphical timing description of the AD6653 output
modes.
Table 13. Output Data Format
Input (V)
Condition (V)
Offset Binary Output Mode
Twos Complement Mode
OR
VIN+ – VIN−
< −VREF − 0.5 LSB
0000 0000 0000
1000 0000 0000
1
VIN+ – VIN−
= −VREF
0000 0000 0000
1000 0000 0000
0
VIN+ – VIN−
= 0
1000 0000 0000
0000 0000 0000
0
VIN+ – VIN−
= +VREF − 1.0 LSB
1111 1111 1111
0111 1111 1111
0
VIN+ − VIN−
> +VREF − 0.5 LSB
1111 1111 1111
0111 1111 1111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com