Electronic Components Datasheet Search
  English  ▼

X  

AD6653-125EBZ Datasheet(PDF) 76 Page - Analog Devices

Part # AD6653-125EBZ
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653-125EBZ Datasheet(HTML) 76 Page - Analog Devices

Back Button AD6653-125EBZ Datasheet HTML 72Page - Analog Devices AD6653-125EBZ Datasheet HTML 73Page - Analog Devices AD6653-125EBZ Datasheet HTML 74Page - Analog Devices AD6653-125EBZ Datasheet HTML 75Page - Analog Devices AD6653-125EBZ Datasheet HTML 76Page - Analog Devices AD6653-125EBZ Datasheet HTML 77Page - Analog Devices AD6653-125EBZ Datasheet HTML 78Page - Analog Devices AD6653-125EBZ Datasheet HTML 79Page - Analog Devices AD6653-125EBZ Datasheet HTML 80Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
AD6653
Rev. 0 | Page 76 of 80
BILL OF MATERIALS
Table 26. Evaluation Board Bill of Materials (BOM)1, 2
Item
Qty
Reference
Designator
Description
Package
Manufacturer
Mfg. Part Number
1
1
AD6653CE_REVB
PCB
PCB
Analog Devices
2
55
C1 to C3, C6, C7,
C13, C14, C17, C18,
C20 to C26, C32,
C57 to C61, C65
to C76, C81 to
C83, C96 to C101,
C103, C105, C107,
C108, C110 to
C116, C145
0.1 μF, 16 V ceramic
capacitor, SMT 0402
C0402SM
Murata
GRM155R71C104KA88D
3
1
C80
18 pF, COG, 50 V, 5% ceramic
capacitor, SMT 0402
C0402SM
Murata
GJM1555C1H180JB01J
4
2
C5, C84
4.7 pF, COG, 50 V, 5% ceramic
capacitor, SMT 0402
C0402SM
Murata
GJM1555C1H4R7CB01J
5
10
C33, C35, C63,
C93 to C95, C122,
C126, C127, C137
0.001 μF, X7R, 25 V, 10%
ceramic capacitor, SMT 0402
C0402SM
Murata
GRM155R71H102KA01D
6
13
C15, C42 to C45,
C129 to C136
1 μF, X5R, 25 V, 10% ceramic
capacitor, SMT 0805
C0805
Murata
GR4M219R61A105KC01D
7
10
C27, C41, C52 to
C54, C62, C102,
C118, C119, C124
10 μF, X5R, 10 V, 10% ceramic
capacitor, SMT 1206
C1206
Murata
GRM31CR61C106KC31L
8
1
CR5
Schottky diode HSMS2822, SOT23
SOT23
Avago Technologies
HSMS-2822-BLKG
9
2
CR6, CR9
LED RED, SMT, 0603, SS-type
LED0603
Panasonic
LNJ208R8ARA
10
4
CR7, CR10 to CR12
50 V, 2 A diode
DO_214AA
Micro Commercial Components
S2A-TP
11
1
CR8
30 V, 3 A diode
DO_214AB
Micro Commercial Components
SK33-TP
12
1
F1
EMI filter
FLTHMURATABNX01
Murata
BNX016-01
13
1
F2
6.0 V, 3.0 A, trip current
resettable fuse
L1206
Tyco Raychem
NANOSMDC150F-2
14
2
J1, J2
3-pin, male, single row,
straight header
HDR3
Samtec
TWS-1003-08-G-S
15
9
J4 to J9, J18, J19,
J21
2-pin, male, straight header
HDR2
Samtec
TWS-102-08-G-S
16
3
J10 to J12
Interface connector
TYCO_HM_ZD
Tyco
6469169-1
17
1
J14
8-pin, male, double row,
straight header
CNBERG2X4H350LD
Samtec
TSW-104-08-T-D
18
1
J16
DC power jack connector
PWR_JACK1
Cui Stack
PJ-002A
19
10
L1, L3, L4, L6, L8
to L13
10 μH, 2 A bead core, 1210
1210
Panasonic
EXC-CL3225U1
20
1
P3
6-terminal connector
PTMICRO6
Weiland Electric, Inc.
Z5.531.3625.0
21
1
P4
4-terminal connector
PTMICRO4
Weiland Electric, Inc.
Z5.531.3425.0
22
3
R7, R30, R45
57.6 Ω, 0603, 1/10 W,
1% resistor
R0603
NIC Components
NRC06F57R6TRF
23
27
R2, R3 R4, R32,
R33, R42, R64, R67,
R69, R90, R96, R99,
R101, R104, R110
to R113, R115,
R119, R121, R123,
R141 to R145
0 Ω, 1/16 W, 5% resistor
R0402SM
NIC Components
NRC04ZOTRF
24
1
R13
76.8 kΩ, 0603, 1/10 W, 1% resistor
R0603
NIC Components
NRC06F7682TRF
25
1
R25
140 kΩ, 0603, 1/10 W, 1% resistor
R0603
NIC Components
NRC06F1403TRF
26
1
R14
147 kΩ, 0603, 1/10 W, 1% resistor
R0603
NIC Components
NRC06F1473TRF
27
1
R15
78.7 kΩ, 0603, 1/10 W,
1% resistor
R0603
NIC Components
NRC06F7872TRF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com