Electronic Components Datasheet Search
  English  ▼

X  

AD6653-125EBZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD6653-125EBZ
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653-125EBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6653-125EBZ Datasheet HTML 15Page - Analog Devices AD6653-125EBZ Datasheet HTML 16Page - Analog Devices AD6653-125EBZ Datasheet HTML 17Page - Analog Devices AD6653-125EBZ Datasheet HTML 18Page - Analog Devices AD6653-125EBZ Datasheet HTML 19Page - Analog Devices AD6653-125EBZ Datasheet HTML 20Page - Analog Devices AD6653-125EBZ Datasheet HTML 21Page - Analog Devices AD6653-125EBZ Datasheet HTML 22Page - Analog Devices AD6653-125EBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
AD6653
Rev. 0 | Page 19 of 80
30
25
20
15
10
5
FREQUENCY (MHz)
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 1.8 V, sample rate = 150 MSPS, DCS enabled, 1.0 V internal reference, 2 V p-p differential
input, VIN = −1.0 dBFS, 64k sample, TA = 25°C, NCO enabled, FIR filter enabled, unless otherwise noted. In the FFT plots that follow,
the location of the second and third harmonics is noted when they fall in the pass band of the filter.
0
–20
–40
–60
–80
–100
–120
–140
035
150MSPS
2.4MHz @ –1dBFS
SNR = 70.9dBc (71.9dBFS)
SFDR = 83.2dBc
fNCO = 18.75MHz
SECOND HARMONIC
THIRD HARMONIC
30
25
20
15
10
5
FREQUENCY (MHz)
Figure 19. AD6653-150 Single-Tone FFT with fIN = 2.4 MHz, fNCO = 18.75 MHz
0
–20
–40
–60
–80
–100
–120
–140
035
150MSPS
30.3MHz @ –1dBFS
SNR = 71.0dBc (72.0dBFS)
SFDR = 92.3dBc
fNCO = 24MHz
THIRD HARMONIC
30
25
20
15
10
5
FREQUENCY (MHz)
Figure 20. AD6653-150 Single-Tone FFT with fIN = 30.3 MHz, fNCO = 24 MHz
0
–20
–40
–60
–80
–100
–120
–140
035
0
–20
–40
–60
–80
–100
–120
–140
035
SECOND HARMONIC
30
25
20
15
10
5
FREQUENCY (MHz)
150MSPS
140.1MHz @ –1dBFS
SNR = 70.6dBc (71.6dBFS)
SFDR = 82.9dBc
fNCO = 126MHz
THIRD HARMONIC
0
–20
–40
–60
–80
–100
–120
–140
035
30
25
20
15
10
5
FREQUENCY (MHz)
150MSPS
70.1MHz @ –1dBFS
SNR = 70.8dBc (71.8dBFS)
SFDR = 82.9dBc
fNCO = 56MHz
Figure 21. AD6653-150 Single-Tone FFT with fIN = 70.1 MHz, fNCO = 56 MHz
Figure 22. AD6653-150 Single-Tone FFT with fIN = 140.1 MHz, fNCO = 126 MHz
150MSPS
220.1MHz @ –1dBFS
SNR = 70.0dBc (71.0dBFS)
SFDR = 80.9dBc
fNCO = 205MHz
THIRD HARMONIC
0
–20
–40
–60
–80
–100
–120
–140
035
30
25
20
15
10
5
FREQUENCY (MHz)
Figure 23. AD6653-150 Single-Tone FFT with fIN = 220.1 MHz, fNCO = 205 MHz
150MSPS
332.1MHz @ –1dBFS
SNR = 69.4dBc (70.4dBFS)
SFDR = 91.2dBc
fNCO = 321.5MHz
Figure 24. AD6653-150 Single-Tone FFT with fIN = 332.1 MHz,
fNCO = 321.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com