Electronic Components Datasheet Search
  English  ▼

X  

AD6653-125EBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD6653-125EBZ
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653-125EBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6653-125EBZ Datasheet HTML 14Page - Analog Devices AD6653-125EBZ Datasheet HTML 15Page - Analog Devices AD6653-125EBZ Datasheet HTML 16Page - Analog Devices AD6653-125EBZ Datasheet HTML 17Page - Analog Devices AD6653-125EBZ Datasheet HTML 18Page - Analog Devices AD6653-125EBZ Datasheet HTML 19Page - Analog Devices AD6653-125EBZ Datasheet HTML 20Page - Analog Devices AD6653-125EBZ Datasheet HTML 21Page - Analog Devices AD6653-125EBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
AD6653
Rev. 0 | Page 18 of 80
EQUIVALENT CIRCUITS
VIN
Figure 11. Equivalent Analog Input Circuit
1.2V
10kΩ
10kΩ
CLK+
CLK–
AVDD
Figure 12. Equivalent Clock lnput Circuit
DRVDD
DRGND
Figure 13. Equivalent Digital Output Circuit
SDIO/DCS
1kΩ
26kΩ
DRVDD
DRVDD
Figure 14. Equivalent SDIO/DCS Circuit or SMI SDFS Circuit
SCLK/DFS
1kΩ
26kΩ
Figure 15. Equivalent SCLK/DFS Input Circuit
SENSE
1kΩ
Figure 16. Equivalent SENSE Circuit
CSB
1kΩ
26kΩ
AVDD
Figure 17. Equivalent CSB Input Circuit
VREF
AVDD
6kΩ
Figure 18. Equivalent VREF Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com