Electronic Components Datasheet Search
  English  ▼

X  

AD6653-125EBZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD6653-125EBZ
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653-125EBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD6653-125EBZ Datasheet HTML 28Page - Analog Devices AD6653-125EBZ Datasheet HTML 29Page - Analog Devices AD6653-125EBZ Datasheet HTML 30Page - Analog Devices AD6653-125EBZ Datasheet HTML 31Page - Analog Devices AD6653-125EBZ Datasheet HTML 32Page - Analog Devices AD6653-125EBZ Datasheet HTML 33Page - Analog Devices AD6653-125EBZ Datasheet HTML 34Page - Analog Devices AD6653-125EBZ Datasheet HTML 35Page - Analog Devices AD6653-125EBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
AD6653
Rev. 0 | Page 32 of 80
NUMERICALLY CONTROLLED OSCILLATOR (NCO)
FREQUENCY TRANSLATION
This processing stage comprises a digital tuner consisting of
a 32-bit complex numerically controlled oscillator (NCO). The
two channels of the AD6653 share a single NCO. The NCO is
optional and can be bypassed by clearing Bit 0 of Register 0x11D.
This NCO block accepts a real input from the ADC stage and
outputs a frequency translated complex (I and Q) output.
The NCO frequency is programmed in Register 0x11E,
Register 0x11F, Register 0x120, and Register 0x121. These four
8-bit registers make up a 32-bit unsigned frequency programming
word. Frequencies between −CLK/2 and +CLK/2 are represented
using the following frequency words:
•
0x8000 0000 represents a frequency given by −CLK/2.
•
0x0000 0000 represents dc (frequency = 0 Hz).
•
0x7FFF FFFF represents CLK/2 − CLK/232.
Use the following equation to calculate the NCO frequency:
CLK
CLK
f
f
f
Mod
NCO_FREQ
)
,
(
2
32
×
=
where:
NCO_FREQ is a 32-bit twos complement number representing
the NCO frequency register.
f is the desired carrier frequency in hertz (Hz).
fCLK is the AD6653 ADC clock rate in hertz (Hz).
NCO SYNCHRONIZATION
The AD6653 NCOs within a single part or across multiple parts
can be synchronized using the external SYNC input. Bit 3 and
Bit 4 of Register 0x100 allow the NCO to be resynchronized on
every SYNC signal or only on the first SYNC signal after the
register is written. A valid SYNC causes the NCO to restart at
the programmed phase offset value.
PHASE OFFSET
The NCO phase offset register at Address 0x122 and
Address 0x123 adds a programmable offset to the phase
accumulator of the NCO. This 16-bit register is interpreted
as a 16-bit unsigned integer. A 0x00 in this register corresponds
to no offset, and a 0xFFFF corresponds to an offset of 359.995°.
Each bit represents a phase change of 0.005°. This register
allows multiple NCOs to be synchronized to produce outputs
with predictable phase differences. Use the following equation
to calculate the NCO phase offset value:
NCO_PHASE = 216 × PHASE/360
where:
NCO_PHASE is a decimal number equal to the 16-bit binary
number to be programmed at Register 0x122 and Register 0x123.
PHASE is the desired NCO phase in degrees.
NCO AMPLITUDE AND PHASE DITHER
The NCO block contains amplitude and phase dither to
improve the spurious performance. Amplitude dither improves
performance by randomizing the amplitude quantization errors
within the angular-to-Cartesian conversion of the NCO. This
option reduces spurs at the expense of a slightly raised noise
floor. With amplitude dither enabled, the NCO has an SNR of
>93 dB and an SFDR of >115 dB. With amplitude dither
disabled, the SNR is increased to >96 dB at the cost of SFDR
performance, which is reduced to 100 dB. The NCO amplitude
dither is recommended and is enabled by setting Bit 1 of
Register 0x11D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com