Electronic Components Datasheet Search
  English  ▼

X  

LP5030 Datasheet(PDF) 28 Page - Texas Instruments

Part # LP5030
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5030 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP5030 Datasheet HTML 24Page - Texas Instruments LP5030 Datasheet HTML 25Page - Texas Instruments LP5030 Datasheet HTML 26Page - Texas Instruments LP5030 Datasheet HTML 27Page - Texas Instruments LP5030 Datasheet HTML 28Page - Texas Instruments LP5030 Datasheet HTML 29Page - Texas Instruments LP5030 Datasheet HTML 30Page - Texas Instruments LP5030 Datasheet HTML 31Page - Texas Instruments LP5030 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
28
LP5030, LP5036
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Table 7. DEVICE_CONFIG1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
0
LED_Global Off
R/W
0h
0 = Normal operation
1 = Shut down all LEDs
8.6.3 LED_CONFIG0 (Address = 2h) [reset = 00h]
LED_CONFIG0 is shown in Figure 23 and described in Table 8.
Return to Table 4.
Figure 23. LED_CONFIG0 Register
7
6
5
4
3
2
1
0
LED7_Bank_E
N
LED6_Bank_E
N
LED5_Bank_E
N
LED4_Bank_E
N
LED3_Bank_E
N
LED2_Bank_E
N
LED1_Bank_E
N
LED0_Bank_E
N
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 8. LED_CONFIG0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
LED7_Bank_EN
R/W
0h
0 = LED7 independent control mode enabled
1 = LED7 bank control mode enabled
6
LED6_Bank_EN
R/W
0h
0 = LED6 independent control mode enabled
1 = LED6 bank control mode enabled
5
LED5_Bank_EN
R/W
0h
0 = LED5 independent control mode enabled
1 = LED5 bank control mode enabled
4
LED4_Bank_EN
R/W
0h
0 = LED4 independent control mode enabled
1 = LED4 bank control mode enabled
3
LED3_Bank_EN
R/W
0h
0 = LED3 Independent control mode enabled
1 = LED3 bank control mode enabled
2
LED2_Bank_EN
R/W
0h
0 = LED2 independent control mode enabled
1 = LED2 bank control mode enabled
1
LED1_Bank_EN
R/W
0h
0 = LED1 independent control mode enabled
1 = LED1 bank control mode enabled
0
LED0_Bank_EN
R/W
0h
0 = LED0 independent control mode enabled
1 = LED0 bank control mode enabled
8.6.4 LED_CONFIG1 (Address = 3h) [reset = 00h]
LED_CONFIG1 is shown in Figure 23 and described in Table 8.
Return to Table 4.
Figure 24. LED_CONFIG1 Register
7
6
5
4
3
2
1
0
RESERVED
LED11_Bank_E
N
LED10_Bank_E
N
LED9_Bank_E
N
LED8_Bank_E
N
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 9. LED_CONFIG1 Register Field Descriptions
Bit
Field
Type
Reset
Description
4–7
RESERVED
R/W
0h
Reserved
3
LED11_Bank_EN
R/W
0h
0 = LED11 Independent control mode enabled
1 =LED11 bank control mode enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com