Electronic Components Datasheet Search
  English  ▼

X  

LP5030 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP5030
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5030 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5030 Datasheet HTML 7Page - Texas Instruments LP5030 Datasheet HTML 8Page - Texas Instruments LP5030 Datasheet HTML 9Page - Texas Instruments LP5030 Datasheet HTML 10Page - Texas Instruments LP5030 Datasheet HTML 11Page - Texas Instruments LP5030 Datasheet HTML 12Page - Texas Instruments LP5030 Datasheet HTML 13Page - Texas Instruments LP5030 Datasheet HTML 14Page - Texas Instruments LP5030 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
Output Pin Voltage (V)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
0.055
D007
50-PA IREF
100-PA IREF
150-PA IREF
200-PA IREF
250-PA IREF
300-PA IREF
350-PA IREF
11
LP5030, LP5036
www.ti.com
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
VVCC = 5 V
Figure 8. OUT Pin Voltage vs Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com