Electronic Components Datasheet Search
  English  ▼

X  

LP5030 Datasheet(PDF) 32 Page - Texas Instruments

Part # LP5030
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5030 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP5030 Datasheet HTML 28Page - Texas Instruments LP5030 Datasheet HTML 29Page - Texas Instruments LP5030 Datasheet HTML 30Page - Texas Instruments LP5030 Datasheet HTML 31Page - Texas Instruments LP5030 Datasheet HTML 32Page - Texas Instruments LP5030 Datasheet HTML 33Page - Texas Instruments LP5030 Datasheet HTML 34Page - Texas Instruments LP5030 Datasheet HTML 35Page - Texas Instruments LP5030 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
32
LP5030, LP5036
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Table 17. LED3_BRIGHTNESS Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
LED3_BRIGHTNESS
R/W
FFh
00h = 0% of full intensity
...
80h = 50% of full intensity
...
FFh = 100 % of full intensity
8.6.13 LED4_BRIGHTNESS (Address = 0Ch) [reset = FFh]
LED4_BRIGHTNESS is shown in Figure 33 and described in Table 18.
Return to Table 4.
Figure 33. LED4_BRIGHTNESS Register
7
6
5
4
3
2
1
0
LED4_BRIGHTNESS
R/W-FFh
Table 18. LED4_BRIGHTNESS Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
LED4_BRIGHTNESS
R/W
FFh
00h = 0% of full intensity
...
80h = 50% of full intensity
...
FFh = 100 % of full intensity
8.6.14 LED5_BRIGHTNESS (Address = 0Dh) [reset = FFh]
LED5_BRIGHTNESS is shown in Figure 34 and described in Table 19.
Return to Table 4.
Figure 34. LED5_BRIGHTNESS Register
7
6
5
4
3
2
1
0
LED5_BRIGHTNESS
R/W-FFh
Table 19. LED5_BRIGHTNESS Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
LED5_BRIGHTNESS
R/W
FFh
00h = 0% of full intensity
...
80h = 50% of full intensity
...
FFh = 100 % of full intensity
8.6.15 LED6_BRIGHTNESS (Address = 0Eh) [reset = FFh]
LED6_BRIGHTNESS is shown in Figure 35 and described in Table 20.
Return to Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com