Electronic Components Datasheet Search
  English  ▼

X  

LP5030 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP5030
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5030 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5030 Datasheet HTML 9Page - Texas Instruments LP5030 Datasheet HTML 10Page - Texas Instruments LP5030 Datasheet HTML 11Page - Texas Instruments LP5030 Datasheet HTML 12Page - Texas Instruments LP5030 Datasheet HTML 13Page - Texas Instruments LP5030 Datasheet HTML 14Page - Texas Instruments LP5030 Datasheet HTML 15Page - Texas Instruments LP5030 Datasheet HTML 16Page - Texas Instruments LP5030 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
OUT0
8 Bits Color
8 Bits Color
8 Bits Color
8 Bits Color
8 Bits Color
8 Bits Color
8 Bits Brightness
8 Bits Brightness
Color-Mixing
Brightness-Control
12 Bits / 29KHz PWM
12 Bits / 29KHz PWM
12 Bits / 29KHz PWM
12 Bits / 29KHz PWM
12 Bits / 29KHz PWM
12 Bits / 29KHz PWM
PWM Generators
OUT1
OUT2
OUT33
OUT34
OUT35
13
LP5030, LP5036
www.ti.com
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 9. PWM Control Scheme for Each Channel
8.3.1.1 Independent Color Mixing Per RGB LED Module
Each output channel has its own individual 8-bit color-setting register (OUTx_COLOR). The device allows every
RGB LED module to achieve >16 million (256 × 256 × 256) color-mixing.
8.3.1.2 Independent Intensity Control Per RGB LED Module
When color is fixed, the independent intensity-control is used to achieve accurate and flexible dimming control for
every RGB LED module.
8.3.1.2.1
Intensity-Control Register Configuration
Every
three
consecutive
output
channels
are
assigned
to
their
respective
intensity-control
register
(LEDx_BRIGHTNESS). For example, OUT0, OUT1, and OUT2 are assigned to LED0_BRIGHTNESS, so it is
recommended to connect the RGB LEDs in the sequence as shown in Table 1. The LP503x device allows 256-
step intensity control for each RGB LED module, which helps achieve a smooth dimming effect.
Keeping FFh (default value) in the LED0_BRIGHTNESS register results in 100% dimming duty cycle. With this
setting, the users can just configure the color mixing register by channel to achieve the target dimming effect in a
single-color LED application.
8.3.1.2.2
Logarithmic- or Linear-Scale Intensity Control
For human-eye-friendly visual performance, a logarithmic-scale dimming curve is usually implemented in LED
drivers. However, for RGB LEDs, if using a single register to achieve both color mixing and intensity control,
color distortion can be observed easily when using a logarithmic scale. The LP503x device, with independent
color-mixing and intensity-control registers, implements the logarithmic scale dimming control inside the intensity
control function, which solves the color distortion issue effectively. See Figure 10. Also, the LP503x device allows
users to configure the dimming scale either logarithmically or linearly through the global Log_Scale_EN register
bit. If a special dimming curve is desired, using the linear scale with software correction is the most flexible
approach. See Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com