Electronic Components Datasheet Search
  English  ▼

X  

LP5030 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP5030
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5030 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5030 Datasheet HTML 10Page - Texas Instruments LP5030 Datasheet HTML 11Page - Texas Instruments LP5030 Datasheet HTML 12Page - Texas Instruments LP5030 Datasheet HTML 13Page - Texas Instruments LP5030 Datasheet HTML 14Page - Texas Instruments LP5030 Datasheet HTML 15Page - Texas Instruments LP5030 Datasheet HTML 16Page - Texas Instruments LP5030 Datasheet HTML 17Page - Texas Instruments LP5030 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
100 %
80 %
60 %
40 %
20 %
0 %
0
32
64
96
128
160
192
224
255
LEDx_BRIGHTNESS Register Input
Logarithmic Scale Dimming Curve
255
100 %
80 %
60 %
40 %
20 %
0 %
0
32
64
96
128
160
192
224
LEDx_BRIGHTNESS Register Input
Linear Scale Dimming Curve
8 Bits Brightness
8 Bits Brightness
Brightness Control
Linear OR
Logarithmic
Linear OR
Logarithmic
Log_Scale_EN
14
LP5030, LP5036
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 10. Logarithmic or Linear Scale Intensity Control
Figure 11. Logarithmic vs Linear Dimming Curve
8.3.1.3 12-Bit, 29-kHz PWM Generator Per Channel
8.3.1.3.1
PWM Generator
With the inputs of the color mixing and the intensity control, the final output PWM duty cycle is defined as the
product obtained by multiplying the color-mixing register value by the related intensity-control register value. The
final output PWM duty cycle has 12 bits of control accuracy, which is achieved by a 9 bits of pure PWM
resolution and 3 bits of dithering digital control. For 3-bit dithering, every eighth pulse is made 1 LSB longer to
increase the average value by 1 / 8th. The LP503x device allows the users to enable or disable the dithering
function through the PWM_Dithering_EN register. When enabled (default), the output PWM duty-cycle accuracy
is 12 bits. When disabled, the output PWM duty-cycle accuracy is 9 bits.
To eliminate the audible noise due to the PWM switching, the LP503x device sets the PWM switching frequency
at 29-kHz, above the 20-kHz human hearing range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com