Electronic Components Datasheet Search
  English  ▼

X  

LPV7215 Datasheet(PDF) 16 Page - Texas Instruments

Part # LPV7215
Description  LPV7215 Micropower, CMOS Input, RRIO, 1.8-V, Push-Pull Output Comparator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV7215 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LPV7215 Datasheet HTML 12Page - Texas Instruments LPV7215 Datasheet HTML 13Page - Texas Instruments LPV7215 Datasheet HTML 14Page - Texas Instruments LPV7215 Datasheet HTML 15Page - Texas Instruments LPV7215 Datasheet HTML 16Page - Texas Instruments LPV7215 Datasheet HTML 17Page - Texas Instruments LPV7215 Datasheet HTML 18Page - Texas Instruments LPV7215 Datasheet HTML 19Page - Texas Instruments LPV7215 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
CC
1
2
A
1
2
1
3
2
3
V
R R
V
R R
R R
R R
+
D
=
+
+
16
LPV7215
SNOSAI6J – SEPTEMBER 2005 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LPV7215
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Capacitive and Resistive Loads
The propagation delay is not affected by capacitive loads at the output of the LPV7215. However, resistive loads
slightly affect the propagation delay on the falling edge by a reduction of almost 2 µs depending on the load
resistance value.
7.4.2 Noise
Most comparators have rather low gain. This allows the output to spend time between high and low when the
input signal changes slowly. The result is that the output may oscillate between high and low when the
differential input is near zero. The exceptionally high gain of this comparator, 120 dB, eliminates this problem.
Less than 1 µV of change on the input drives the output from one rail to the other rail. If the input signal is noisy,
the output cannot ignore the noise unless some hysteresis is provided by positive feedback (see Hysteresis).
7.4.3 Hysteresis
To improve propagation delay when low overdrive is needed, hysteresis can be added.
7.4.4 Inverting Comparator With Hysteresis
The inverting comparator with hysteresis requires a three resistor network that is referenced to the supply voltage
V+ of the comparator as shown in Figure 31. When VIN at the inverting input is less than VA, the voltage at the
noninverting node of the comparator (VIN < VA), the output voltage is high (for simplicity assume VO switches as
high as V+). The three network resistors can be represented as R1//R3 in series with R2.
The lower input trip voltage VA1 is defined as Equation 1.
VA1 = VCCR2 / ((R1//R3) + R2)
(1)
When VIN is greater than VA, the output voltage is low or very close to ground. In this case the three network
resistors can be presented as R2//R3 in series with R1.
The upper trip voltage VA2 is defined as Equation 2.
VA2 = VCC (R2//R3) / ((R1+ (R2//R3)
(2)
The total hysteresis provided by the network is defined as ΔVA = VA1 – VA2, as shown in Equation 3.
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com