Electronic Components Datasheet Search
  English  ▼

X  

LPV7215 Datasheet(PDF) 9 Page - Texas Instruments

Part # LPV7215
Description  LPV7215 Micropower, CMOS Input, RRIO, 1.8-V, Push-Pull Output Comparator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV7215 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LPV7215 Datasheet HTML 5Page - Texas Instruments LPV7215 Datasheet HTML 6Page - Texas Instruments LPV7215 Datasheet HTML 7Page - Texas Instruments LPV7215 Datasheet HTML 8Page - Texas Instruments LPV7215 Datasheet HTML 9Page - Texas Instruments LPV7215 Datasheet HTML 10Page - Texas Instruments LPV7215 Datasheet HTML 11Page - Texas Instruments LPV7215 Datasheet HTML 12Page - Texas Instruments LPV7215 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
1
2
3
4
5
6
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
-40°C
25°C
85°C
1
2
3
4
5
6
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
-40°C
25°C
85°C
900
0
0.5
1
1.5
2
2.5
3
450
500
550
600
650
700
750
800
850
COMMON MODE INPUT (V)
85°C
25°C
-40°C
V
+
= 2.7V
0
1
2
3
4
5
6
COMMON MODE INPUT VOLTAGE (V)
500
600
700
800
900
85°C
-40°C
V
+
= 5V
25°C
0
1
2
3
4
5
6
0
100
200
300
400
500
600
700
800
900
SUPPLY VOLTAGE (V)
25°C
-40°C
85°C
VCM = 0.8V
0
0.5
1
1.5
2
450
500
550
600
650
700
750
800
850
900
COMMON MODE INPUT (V)
85°C
25°C
-40°C
V
+
= 1.8V
9
LPV7215
www.ti.com
SNOSAI6J – SEPTEMBER 2005 – REVISED AUGUST 2016
Product Folder Links: LPV7215
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
6.8 Typical Characteristics
At TJ = 25°C unless otherwise specified.
Figure 1. Supply Current vs Supply Voltage
Figure 2. Supply Current vs Common-Mode Input
Figure 3. Supply Current vs Common-Mode Input
Figure 4. Supply Current vs Common-Mode Input
Figure 5. Short-Circuit Sinking Current vs Supply Voltage
Figure 6. Short-Circuit Sourcing Current vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com