Electronic Components Datasheet Search
  English  ▼

X  

LPV7215 Datasheet(PDF) 6 Page - Texas Instruments

Part # LPV7215
Description  LPV7215 Micropower, CMOS Input, RRIO, 1.8-V, Push-Pull Output Comparator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV7215 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LPV7215 Datasheet HTML 2Page - Texas Instruments LPV7215 Datasheet HTML 3Page - Texas Instruments LPV7215 Datasheet HTML 4Page - Texas Instruments LPV7215 Datasheet HTML 5Page - Texas Instruments LPV7215 Datasheet HTML 6Page - Texas Instruments LPV7215 Datasheet HTML 7Page - Texas Instruments LPV7215 Datasheet HTML 8Page - Texas Instruments LPV7215 Datasheet HTML 9Page - Texas Instruments LPV7215 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
LPV7215
SNOSAI6J – SEPTEMBER 2005 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LPV7215
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
6.6 Electrical Characteristics: 2.7 V
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 2.7 V, V− = 0 V, and V
CM = V
+/2, V
O= V
−.(1)
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3)
MAX (2)
UNIT
IS
Supply current
VCM = 0.3 V
TA = 25°C
605
780
nA
Temperature
extremes
1100
VCM = 2.4 V
TA = 25°C
815
1010
Temperature
extremes
1350
VOS
Input offset voltage
VCM = 0 V
TA = 25°C
±0.3
±6
mV
Temperature
extremes
±8
VCM = 2.7 V
TA = 25°C
±0.3
±5
Temperature
extremes
±7
TCVOS
Input offset average drift
See (4)
±1
µV/C
IB
Input bias current (5)
VCM = 1.8 V
−40
fA
IOS
Input offset current
20
fA
CMRR
Common-mode rejection ratio
VCM Stepped
from 0 V to 1.6 V
TA = 25°C
72
90
dB
Temperature
extremes
66
VCM Stepped
from 2.1V to 2.7V
TA = 25°C
71
94
Temperature
extremes
63
VCM Stepped
from 0 V to 2.7 V
TA = 25°C
47
80
Temperature
extremes
46
PSRR
Power supply rejection ratio
V+ = 1.8 V to 5.5
V, VCM = 0 V
TA = 25°C
66
82
dB
Temperature
extremes
63
CMVR
Input common-mode voltage range
CMRR
≥ 40 dB
Temperature
extremes
−0.1
2.8
V
AV
Voltage gain
120
dB
VO
Output swing high
IO = 500 µA
TA = 25°C
2.57
2.62
V
Temperature
extremes
2.53
IO = 1 mA
TA = 25°C
2.47
2.53
Temperature
extremes
2.4
Output swing low
IO = −500 µA
TA = 25°C
60
130
mV
Temperature
extremes
190
IO = −1 mA
TA = 25°C
120
250
Temperature
extremes
330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com