Electronic Components Datasheet Search
  English  ▼

X  

LPV7215 Datasheet(PDF) 11 Page - Texas Instruments

Part # LPV7215
Description  LPV7215 Micropower, CMOS Input, RRIO, 1.8-V, Push-Pull Output Comparator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV7215 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LPV7215 Datasheet HTML 7Page - Texas Instruments LPV7215 Datasheet HTML 8Page - Texas Instruments LPV7215 Datasheet HTML 9Page - Texas Instruments LPV7215 Datasheet HTML 10Page - Texas Instruments LPV7215 Datasheet HTML 11Page - Texas Instruments LPV7215 Datasheet HTML 12Page - Texas Instruments LPV7215 Datasheet HTML 13Page - Texas Instruments LPV7215 Datasheet HTML 14Page - Texas Instruments LPV7215 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
10
12
14
16
18
20
22
24
26
28
30
0
100
200
300
400
500
OVERDRIVE (mV)
25°C
-40°C
85°C
V
+
= 5.0V
VCM = 4.5V
85°C
10
100
1000
10000
4
9
14
19
24
29
34
OVERDRIVE (mV)
V
+ = 5V
VCM = 2.5V
tPD L-H
tPD H-L
0
100
200
300
400
500
6
8
10
12
14
16
18
OVERDRIVE (mV)
85°C
25°C
-40°C
V
+
= 2.7V
VCM = 0.5V
25°C
4
5
6
7
8
9
10
11
12
13
14
0
100
200
300
400
500
OVERDRIVE (mV)
25°C
-40°C
85°C
V
+
= 1.8V
VCM = 1.3V
tPD L-H
tPD H-L
1
10
100
1000
3
8
13
18
V
+
= 1.8V
TA = 25°C
OVERDRIVE (mV)
5
6
7
8
9
10
11
12
13
14
15
0
100
200
300
400
500
OVERDRIVE (mV)
V
+
= 1.8V
VCM = 0.5V
25°C
-40°C
85°C
11
LPV7215
www.ti.com
SNOSAI6J – SEPTEMBER 2005 – REVISED AUGUST 2016
Product Folder Links: LPV7215
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TJ = 25°C unless otherwise specified.
Figure 13. Propagation Delay vs Overdrive
Figure 14. Propagation Delay vs Overdrive
Figure 15. Propagation Delay vs Overdrive
Figure 16. Propagation Delay vs Overdrive
Figure 17. Propagation Delay vs Overdrive
Figure 18. Propagation Delay vs Overdrive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com