Electronic Components Datasheet Search
  English  ▼

X  

LPV7215 Datasheet(PDF) 7 Page - Texas Instruments

Part # LPV7215
Description  LPV7215 Micropower, CMOS Input, RRIO, 1.8-V, Push-Pull Output Comparator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV7215 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LPV7215 Datasheet HTML 3Page - Texas Instruments LPV7215 Datasheet HTML 4Page - Texas Instruments LPV7215 Datasheet HTML 5Page - Texas Instruments LPV7215 Datasheet HTML 6Page - Texas Instruments LPV7215 Datasheet HTML 7Page - Texas Instruments LPV7215 Datasheet HTML 8Page - Texas Instruments LPV7215 Datasheet HTML 9Page - Texas Instruments LPV7215 Datasheet HTML 10Page - Texas Instruments LPV7215 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
LPV7215
www.ti.com
SNOSAI6J – SEPTEMBER 2005 – REVISED AUGUST 2016
Product Folder Links: LPV7215
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Electrical Characteristics: 2.7 V (continued)
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 2.7 V, V− = 0 V, and V
CM = V
+/2, V
O= V
−.(1)
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3)
MAX (2)
UNIT
IOUT
Output current
Source
VO = V
+/2
TA = 25°C
4.5
5.7
mA
Temperature
extremes
3.4
Sink
VO = V
+/2
TA = 25°C
5.6
7.5
Temperature
extremes
3.2
Propagation delay
(high to low)
Overdrive = 10 mV
14.5
µs
Overdrive = 100
mV
TA = 25°C
5.8
8.5
Temperature
extremes
10.5
Propagation delay
(low to high)
Overdrive = 10 mV
15
Overdrive = 100
mV
TA = 25°C
7.5
10
Temperature
extremes
12.5
trise
Rise time
Overdrive = 10 mV
CL = 30 pF, RL = 1 MΩ
90
ns
Overdrive = 100 mV
CL = 30 pF, RL = 1 MΩ
85
tfall
Fall time
Overdrive = 10 mV
CL = 30 pF, RL = 1 MΩ
85
ns
Overdrive = 100 mV
CL = 30 pF, RL = 1 MΩ
75
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
6.7 Electrical Characteristics: 5 V
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 5 V, V− = 0 V, and V
CM = V
+/2, V
O= V
−. (1)
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3)
MAX (2)
UNIT
IS
Supply current
VCM = 0.3 V
TA = 25°C
612
790
nA
Temperature
extremes
1150
VCM = 4.7 V
TA = 25°C
825
1030
Temperature
extremes
1400
VOS
Input offset voltage
VCM = 0 V
TA = 25°C
±0.3
±6
mV
Temperature
extremes
±8
VCM = 5 V
TA = 25°C
±5
Temperature
extremes
±7
TCVOS
Input offset average drift
See (4)
±1
µV/C
IB
Input bias current (5)
VCM = 4.5 V
−400
fA
IOS
Input offset current
20
fA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com