Electronic Components Datasheet Search
  English  ▼

X  

MIC2003 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2003
Description  Current Limiting Circuit Protector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2003 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2003 Datasheet HTML 3Page - Micrel Semiconductor MIC2003 Datasheet HTML 4Page - Micrel Semiconductor MIC2003 Datasheet HTML 5Page - Micrel Semiconductor MIC2003 Datasheet HTML 6Page - Micrel Semiconductor MIC2003 Datasheet HTML 7Page - Micrel Semiconductor MIC2003 Datasheet HTML 8Page - Micrel Semiconductor MIC2003 Datasheet HTML 9Page - Micrel Semiconductor MIC2003 Datasheet HTML 10Page - Micrel Semiconductor MIC2003 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Micrel
MIC2003/MIC20013
October 2005
7
M9999-102605
hbwhelp@micrel.com or (408) 955-1690
Typical Characteristics
0
20
40
60
80
100
23
456
VIN (V)
Supply Current
Output Enabled
-40°C
85°C
25°C
0
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
234567
VIN (V)
Supply Current
Output Disabled
-40°C
85°C
25°C
0
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
-50 -30 -10 10 30 50 70 90
TEMPERATURE (°C)
Switch Leakage Current - OFF
245.0
245.5
246.0
246.5
247.0
247.5
248.0
-50 -30 -10 10 30 50 70 90
TEMPERATURE (°C)
UVSD Threshold
vs. Temperature
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
-50 -30 -10 103050 7090
TEMPERATURE (°C)
I
LIMIT
vs. Temperature
(MIC20xx-1.2)
V
IN
= 2.5V
V
IN
= 5V
V
IN
= 3V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-50 -30 -10 10 30 50 70 90
TEMPERATURE (°C)
I
LIMIT
vs.
Temperature
1.2A
0.8A
0.5A
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
-50 -30 -10 103050 7090
TEMPERATURE (°C)
5V
3V
2.5V
I
LIMIT
vs. Temperature
(MIC20xx - 0.8)
Note:
Please note that the 3
plots overlay each
0.55
0.57
0.59
0.61
0.63
0.65
0.67
0.69
0.71
0.73
0.75
-50 -30 -10 103050 7090
TEMPERATURE (°C)
5V
3V
2.5V
I
LIMIT
vs. Temperature
(MIC20xx - 0.5)
0
20
40
60
80
100
22.533.5
4
4.555.5
VIN (V)
R
ON
vs.
Supply Voltage
0
20
40
60
80
100
120
-50 -30 -10 103050 7090
TEMPERATURE (°C)
R
ON
vs.
Temperature
2.5V
3.3V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com