Electronic Components Datasheet Search
  English  ▼

X  

MIC2003 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2003
Description  Current Limiting Circuit Protector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2003 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2003 Datasheet HTML 7Page - Micrel Semiconductor MIC2003 Datasheet HTML 8Page - Micrel Semiconductor MIC2003 Datasheet HTML 9Page - Micrel Semiconductor MIC2003 Datasheet HTML 10Page - Micrel Semiconductor MIC2003 Datasheet HTML 11Page - Micrel Semiconductor MIC2003 Datasheet HTML 12Page - Micrel Semiconductor MIC2003 Datasheet HTML 13Page - Micrel Semiconductor MIC2003 Datasheet HTML 14Page - Micrel Semiconductor MIC2003 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Micrel
MIC2003/MIC20013
October 2005
11
M9999-102605
hbwhelp@micrel.com or (408) 955-1690
Functional Description
Input and Output
VIN is both the power supply connection for the internal
circuitry driving the switch and the input (Source
connection) of the power MOSFET switch. VOUT is the
Drain connection of the power MOSFET and supplies
power to the load. In a typical circuit, current flows from
VIN to VOUT toward the load. Since the switch is bi-
directional when enabled, if VOUT is greater than VIN,
current will flow from VOUT to VIN.
When the switch is disabled, current will not flow to the
load, except for a small unavoidable leakage current of
a few microamps. However, should VOUT exceed VIN by
more than a diode drop (~0.6V), while the switch is
disabled, current will flow from output to input via the
power MOSFET’s body diode. This effect can be used
to advantage when large bypass capacitors are placed
on MIC2003/2013’s’s output. When power to the switch
is removed, the output capacitor will be automatically
discharged.
If discharging CLOAD is required by your application,
consider using MIC2003/2013 or MIC2007/2017 in place
of MIC2003/2013. These MIC2000 family members are
equipped with a discharge FET to insure complete
discharge of CLOAD.
Current Sensing and Limiting
MIC2003/2013 protects the system power supply and
load from damage by continuously monitoring current
through the on-chip power MOSFET. Load current is
monitored by means of a current mirror in parallel with
the power MOSFET switch. Current limiting is invoked
when the load exceeds an internally set over-current
threshold. When current limiting is activated the output
current is constrained to the limit value, and remains at
this level until either the load/fault is removed, the load’s
current requirement drops below the limiting value, or
the MIC2003/2013 goes into thermal shutdown.
Kickstart (MIC2013 only)
The MIC2013 is designed to allow momentary current
surges (Kickstart) before the onset of current limiting,
which permits dynamic loads, such as small disk drives
or portable printers to draw the energy needed to
overcome inertial loads without sacrificing system
safety. In this respect, the MIC2013 differs markedly
from MIC2003 and its peers, which immediately limit
load current, potentially starving the motor and causing
the appliance to stall or stutter.
During this delay period, typically 128 ms, a secondary
current limit is in effect. If the load demands a current in
excess the secondary limit, MIC2013 acts immediately
to restrict output current to the secondary limit for the
duration of the Kickstart period. After this time the
MIC2013 reverts to its normal current limit. An example
of Kickstart operation is shown below.
T
U
O
T
U
O
Figure 3. Kickstart Operation
Picture Key:
A) MIC2013 is enabled into an excessive load (slew
rate limiting not visible at this time scale) The initial
current surge is limited by either the overall circuit
resistance and power supply compliance, or the
secondary current limit, whichever is less.
B) RON of the power FET increases due to internal
heating (effect exaggerated for emphasis).
C) Kickstart period.
D) Current limiting initiated. FAULT/ goes LOW.
E) VOUT is non-zero (load is heavy, but not a dead short
where VOUT = 0. Limiting response will be the same
for dead shorts).
F) Thermal shutdown followed by thermal cycling.
G) Excessive load released, normal load remains.
MIC2013 drops out of current limiting.
H) FAULT/ delay period followed by FAULT/ going
HIGH.
Slew Rate Control
Large capacitive loads can create significant current
surges when charged through a high-side switch such
as the MIC2003/2013. For this reason, MIC2003/2013
provides built-in slew rate control to limit the initial inrush
currents upon enabling the power MOSFET switch.
Slew rate control is active upon powering up, and upon
re-enabling the load. At shutdown, the discharge slew
rate is controlled by the external load and output
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com