Electronic Components Datasheet Search
  English  ▼

X  

MIC2003 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC2003
Description  Current Limiting Circuit Protector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2003 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC2003 Datasheet HTML 8Page - Micrel Semiconductor MIC2003 Datasheet HTML 9Page - Micrel Semiconductor MIC2003 Datasheet HTML 10Page - Micrel Semiconductor MIC2003 Datasheet HTML 11Page - Micrel Semiconductor MIC2003 Datasheet HTML 12Page - Micrel Semiconductor MIC2003 Datasheet HTML 13Page - Micrel Semiconductor MIC2003 Datasheet HTML 14Page - Micrel Semiconductor MIC2003 Datasheet HTML 15Page - Micrel Semiconductor MIC2003 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Micrel
MIC2003/MIC20013
October 2005
12
M9999-102605
hbwhelp@micrel.com or (408) 955-1690
Thermal Shutdown
Thermal
shutdown
is
employed
to
protect
MIC2003/2013 from damage should the die temperature
exceed safe operating levels. Thermal shutdown shuts
off the output MOSFET and asserts the FAULT/ output if
the die temperature reaches 145°C.
MIC2003/2013 will automatically resume operation
when the die temperature cools down to 135°C. If
resumed operation results in reheating of the die,
another
shutdown
cycle
will
occur
and
the
MIC2003/2013 will continue cycling between ON and
OFF states until the offending load has been removed.
Depending on PCB layout, package type, ambient
temperature, etc., hundreds of milliseconds may elapse
from the incidence of a fault to the output MOSFET
being shut off. This delay is due to thermal time
constants within the system itself. In no event will the
device be damaged due to thermal overload because
die temperature is monitored continuously by on-chip
circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com