Electronic Components Datasheet Search
  English  ▼

X  

MIC2003 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2003
Description  Current Limiting Circuit Protector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2003 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2003 Datasheet HTML 4Page - Micrel Semiconductor MIC2003 Datasheet HTML 5Page - Micrel Semiconductor MIC2003 Datasheet HTML 6Page - Micrel Semiconductor MIC2003 Datasheet HTML 7Page - Micrel Semiconductor MIC2003 Datasheet HTML 8Page - Micrel Semiconductor MIC2003 Datasheet HTML 9Page - Micrel Semiconductor MIC2003 Datasheet HTML 10Page - Micrel Semiconductor MIC2003 Datasheet HTML 11Page - Micrel Semiconductor MIC2003 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Micrel
MIC2003/MIC20013
October 2005
8
M9999-102605
hbwhelp@micrel.com or (408) 955-1690
Functional Characteristics
VOUT
(1V/div)
IOUT
(250mA/div)
0
Time (ms)
50
100
150
200
250
300
350
400
450
500
550
VIN = 5.0V
RLOAD
CLOAD = 47µF
Current Limit Response Thermal Shutdown
VOUT
(1V/div)
IOUT
(0.5A/div)
0
Time (ms)
50
100
150
200
250
300
350 400
450 500
550
Kickstart Response
Normal Load with Temporary High Load
VOUT
(1V/div)
IOUT
(0.5A/div)
0
Time (ms)
50
100
150
200
250
300
350 400 450 500
550
Kickstart Response
No Load to Short Circuit
VOUT
(1V/div)
IOUT
(0.5A/div)
0
Time (ms)
50
100
150
200
250
300
350
400 450 500
550
Kickstart Response
Normal Load with Temporary Short Circuit
VOUT
(1V/div)
IOUT
(200mA/div)
0
Time (ms)
48
12
16
20
24
28
32
36
40
0µF
10µF
22µF47µF 100µF
220µF
470µF
Inrush Current Response
MIC20xx-0.5
VOUT
(1V/div)
IOUT
(200mA/div)
0
Time (ms)
24
6
810
12
14
VIN = 5.0V
RLOAD
CLOAD = 100nF
Turn-On/Turn-Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com