Electronic Components Datasheet Search
  English  ▼

X  

MIC2003 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC2003
Description  Current Limiting Circuit Protector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2003 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC2003 Datasheet HTML 8Page - Micrel Semiconductor MIC2003 Datasheet HTML 9Page - Micrel Semiconductor MIC2003 Datasheet HTML 10Page - Micrel Semiconductor MIC2003 Datasheet HTML 11Page - Micrel Semiconductor MIC2003 Datasheet HTML 12Page - Micrel Semiconductor MIC2003 Datasheet HTML 13Page - Micrel Semiconductor MIC2003 Datasheet HTML 14Page - Micrel Semiconductor MIC2003 Datasheet HTML 15Page - Micrel Semiconductor MIC2003 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Micrel
MIC2003/MIC20013
October 2005
15
M9999-102605
hbwhelp@micrel.com or (408) 955-1690
Where: TJ = junction temperature,
TA = ambient temperature
Rθ(J-A) is the thermal resistance of the package
In normal operation MIC2003/2013’s Ron is low enough
that no significant I2R heating occurs. Device heating is
most often caused by a short circuit, or very heavy load,
when a significant portion of the input supply voltage
appears across MIC2003/2013’s power MOSFET.
Under these conditions the heat generated will exceed
the package and PCB’s ability to cool the device and
thermal limiting will be invoked.
In Figure 10 die temperature is plotted against IOUT
assuming a constant case temperature of 85°C. The
plots also assume a worst case RON of 140 mΩ at a die
temperature of 135°C. Under these conditions it is clear
that an SOT-23 packaged device will be on the verge of
thermal shutdown, typically 140°C die temperature,
when operating at a load current of 1.25A. For this
reason
we
recommend
using
MLF
packaged
MIC2003/2013s for any design intending to supply
continuous currents of 1A or more.
Die Temperature vs. Iout for Tcase = 85°C
0
20
40
60
80
100
120
140
160
0.20 0.40 0.60 0.80 1.00 1.20 1.40 1.60 1.80 2.00
Iout - Amps
SOT-23
MLF
Figure 10. Die Temperature vs. IOUT
When operating at higher current levels or in higher
temperature
environments
use
of
Micrel’s
MLF
packaging is recommended. MLF packages provide an
exposed power paddle on the back side to which
electrical and thermal contact can be made with the
device. This significantly reduces the package’s thermal
resistance and thus extends the MIC2005/2013’s
operating range.
2 Vias
0.3 mm diam.
to Ground Plane
0.8 mm
1.4 mm
Figure 11. Pad for thermal mounting to PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com