Electronic Components Datasheet Search
  English  ▼

X  

DFR0251 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0251
Description  16A Relay Module(SKU:DFR0251)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0251 Datasheet(HTML) 3 Page - DFROBOT

  DFR0251 Datasheet HTML 1Page - DFROBOT DFR0251 Datasheet HTML 2Page - DFROBOT DFR0251 Datasheet HTML 3Page - DFROBOT DFR0251 Datasheet HTML 4Page - DFROBOT DFR0251 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WARNING: Please be very carful not to play with live circuits! 120V or 220V should not be taken
lightly. Make sure the appliance to be tinkered with is unplugged from mains. (DO NOT CONNECT
IT TO THE WALL WHILE MESSING WITH THE CABLE!)
Test Connection Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com